Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW276 Datasheet(PDF) 13 Page - Extech Instruments Corporation.

Part # SW276
Description  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 Datasheet(HTML) 13 Page - Extech Instruments Corporation.

Back Button SW276 Datasheet HTML 9Page - Extech Instruments Corporation. SW276 Datasheet HTML 10Page - Extech Instruments Corporation. SW276 Datasheet HTML 11Page - Extech Instruments Corporation. SW276 Datasheet HTML 12Page - Extech Instruments Corporation. SW276 Datasheet HTML 13Page - Extech Instruments Corporation. SW276 Datasheet HTML 14Page - Extech Instruments Corporation. SW276 Datasheet HTML 15Page - Extech Instruments Corporation. SW276 Datasheet HTML 16Page - Extech Instruments Corporation. SW276 Datasheet HTML 17Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
V7.1 1/08
13
Statistics
Press the STATISTICS icon to view histograms of data based on the "Whole Range" or the
"Cursor Range". See (Diagram I)
Whole Range - All of the logged readings.
Cursor Range - Only the readings between the two cursors.
1. Click and drag the knobs’ yellow line (shown in the left side of Diagram I-1) to equally
divide all sample readings into 4 divisions (up to 130). This can also be done by clicking on
the UP/DOWN arrows or by keying in the value directly.
2. Refer to the top of Diagram I-1, notice that there are 1021 logged readings at 44°C.
There are also 213 readings between the two cursors at 62.7°C
3. If all of the logged readings are placed into 100 divisions, the histogram for the Whole
Range will reflect the change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com