Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW276 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # SW276
Description  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  SW276 Datasheet HTML 1Page - Extech Instruments Corporation. SW276 Datasheet HTML 2Page - Extech Instruments Corporation. SW276 Datasheet HTML 3Page - Extech Instruments Corporation. SW276 Datasheet HTML 4Page - Extech Instruments Corporation. SW276 Datasheet HTML 5Page - Extech Instruments Corporation. SW276 Datasheet HTML 6Page - Extech Instruments Corporation. SW276 Datasheet HTML 7Page - Extech Instruments Corporation. SW276 Datasheet HTML 8Page - Extech Instruments Corporation. SW276 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
V7.1 1/08
4
1
2
3
4
5, 6
7
8
Software Installation
Installation instructions for models 42266 and 42276
Note: The software program and USB driver must both be
installed in order for the printer/meter to communicate with
the software. Please follow the installation instructions below.
1.
Place the supplied software CD in the PC CD-ROM. The Data Acquisition Setup
Menu will appear (see below).
2.
Click on “Install Software” to start the installation of the software.
3.
Click “Finish” to install the program to the default location or click on “Change” to
enter the directory in which to install the program.
4.
Follow the on-screen instructions to complete the program installation.
5.
Click “Install USB” and follow the on screen instructions to complete the USB driver
installation.
LNK PC Link Screen
The printer must be set to PC communication on the Link
screen before communication can occur.
1.
Turn the printer on
2.
Press the Menu button until the LNK screen
appears.
3.
Press the Up or Down button to select the logger or
the printer memory.
4.
Press Enter when the selection is complete
Installation Instructions for models 42265 and 42275
Place the supplied software CD in the PC CD-ROM drive.
1.
Click on “Install Software” to start the installation of the software.
2.
Click “Finish” to install the program to the default location or click
on “Change” to enter the directory in which to install the program.
3.
Follow the on-screen instructions to complete the program
installation.
Setup menu description
1.
Install USB driver
2.
Exit: Close the Setup Menu
3.
Software Version number
4.
Software installation
5.
Open the English manual
6.
Open the Spanish manual
7.
Visit the Extech website
8.
View all items on the CD-ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com