Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT30 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # HT30
Description  Heat Stress WBGT Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HT30 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  HT30 Datasheet HTML 1Page - Extech Instruments Corporation. HT30 Datasheet HTML 2Page - Extech Instruments Corporation. HT30 Datasheet HTML 3Page - Extech Instruments Corporation. HT30 Datasheet HTML 4Page - Extech Instruments Corporation. HT30 Datasheet HTML 5Page - Extech Instruments Corporation. HT30 Datasheet HTML 6Page - Extech Instruments Corporation. HT30 Datasheet HTML 7Page - Extech Instruments Corporation. HT30 Datasheet HTML 8Page - Extech Instruments Corporation. HT30 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HT30 V3.0 08/07
5
Auto Power Off
The Auto Power Off feature automatically turns the meter off after approximately 20
minutes. To disable this feature, hold down the
/SET and MODE/
for 2 seconds when
powering on the meter. The meter will momentarily display an “n” and enter measuring
mode. The meter will reset to auto power off mode when it is powered off.
Battery Replacement
When it is time to replace the batteries, the low battery indicator
appears in the bottom
left-hand corner of the LCD display. To replace the battery:
1. Open the battery compartment on the back of the meter.
2. Replace the two AAA batteries and close the compartment.
RS-232 PC Interface
The RS-232 serial data port (3.5mm phono jack) is located on the right side of the meter.
The PC interface hardware is intended for use with the Extech software package, Part
Number 407752 which includes Windows
® 95 / 98 / ME / NT / 2000/ XP compatible
software and PC interface cable. For more information, contact Extech or refer to the
407752 User's Manual.
Error Messages
An error message will appear on the display if the meter fails an internal diagnostic test.
1.
E2: The value is under range.
2.
E3: The value is over range.
3.
E4: The value is in error.
4.
E11: RH Calibration error.
5.
E33: Circuit error. Repair/replacement necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com