Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT30 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # HT30
Description  Heat Stress WBGT Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HT30 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button HT30 Datasheet HTML 4Page - Extech Instruments Corporation. HT30 Datasheet HTML 5Page - Extech Instruments Corporation. HT30 Datasheet HTML 6Page - Extech Instruments Corporation. HT30 Datasheet HTML 7Page - Extech Instruments Corporation. HT30 Datasheet HTML 8Page - Extech Instruments Corporation. HT30 Datasheet HTML 9Page - Extech Instruments Corporation. HT30 Datasheet HTML 10Page - Extech Instruments Corporation. HT30 Datasheet HTML 11Page - Extech Instruments Corporation. HT30 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HT30 V3.0 08/07
8
Heat Index / Heat Disorders
Heat Index / Heat Disorders
Heat
Index
Possible heat disorders for
people in higher risk groups
130°F or
higher
Heatstroke/sunstroke highly likely with continued exposure.
105° -
130°F
Sunstroke, heat cramps or heat exhaustion likely, and heatstroke
possible with prolonged exposure and/or physical activity.
90° -
105°F
Sunstroke, heat cramps and heat exhaustion possible with
prolonged exposure and/or physical activity.
80° - 90°F Fatigue possible with prolonged exposure and/or physical activity.
The "Heat Index/Heat Disorders" table relates ranges of HI with specific disorders, particularly for people in
the higher risk groups.
WARNING: Sudden temperature and humidity changes (e.g. going indoors to
outdoors) may cause inaccurate Temperature, Humidity and Heat Index
readings for up to 45 minutes. Until readings stabilize (e.g. stop steadily
increasing or decreasing), users should NOT rely on the Temperature,
Humidity or Heat Index readings of this meter, or on the meter’s alarm
function in regards to such readings. This meter is NOT a medical device
and users should NEVER rely on readings for medical purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com