Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT30 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # HT30
Description  Heat Stress WBGT Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HT30 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button HT30 Datasheet HTML 2Page - Extech Instruments Corporation. HT30 Datasheet HTML 3Page - Extech Instruments Corporation. HT30 Datasheet HTML 4Page - Extech Instruments Corporation. HT30 Datasheet HTML 5Page - Extech Instruments Corporation. HT30 Datasheet HTML 6Page - Extech Instruments Corporation. HT30 Datasheet HTML 7Page - Extech Instruments Corporation. HT30 Datasheet HTML 8Page - Extech Instruments Corporation. HT30 Datasheet HTML 9Page - Extech Instruments Corporation. HT30 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HT30 V3.0 08/07
6
Specifications
Wet Bulb Globe Temperature (WBGT)
32°F to 122°F (0°C to 50°C)
WBGT Accuracy
Calculated from measured parameters
TG Black Globe Temperature range
32°F to 176°F (0 to 80°C)
TG Accuracy
Indoor
±4°F (2°C)
Outdoor
±5.5°F (3°C)
TA Air Temperature range
32°F to 122°F (0°C to 50°C)
TA Accuracy
±1.8°F (1°C)
Relative Humidity (RH)
0 to 100%RH
RH Accuracy
±3% (at 25°C, 10 to 95%RH)
Resolution
0.1°F/°C; 0.1%RH
Operating Temperature
32°F to 122°F (0°C to 50°C)
Operating Humidity
Max. 80% RH
Power Supply
Two AAA batteries
Battery Life
Approx 1000 hours
Dimensions
Meter: 10x1.9x1.1" (254 x 48.7 x 29.4mm)
Black Ball: 1.57 Dia., 1.37H (40mm, 35mm)
Weight
4.8oz (136g)
Optional Accessories
PC software and cable (407752)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com