Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT30 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # HT30
Description  Heat Stress WBGT Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HT30 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  HT30 Datasheet HTML 1Page - Extech Instruments Corporation. HT30 Datasheet HTML 2Page - Extech Instruments Corporation. HT30 Datasheet HTML 3Page - Extech Instruments Corporation. HT30 Datasheet HTML 4Page - Extech Instruments Corporation. HT30 Datasheet HTML 5Page - Extech Instruments Corporation. HT30 Datasheet HTML 6Page - Extech Instruments Corporation. HT30 Datasheet HTML 7Page - Extech Instruments Corporation. HT30 Datasheet HTML 8Page - Extech Instruments Corporation. HT30 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HT30 V3.0 08/07
4
Meter Operation
1.
Press the
/SET button to power the instrument on/off.
2.
Slide down the protective sensor cover before taking measurements.
3.
Press the MODE/
button to select the desired display mode: Wet Bulb Globe
Temperature Heat Index (WBGT), Air Temperature (TA), Black Globe Temperature
(TG), or Relative Humidity (RH). An icon will appear in the display indicating the
current selection.
4.
To select the preferred temperature unit (°F or °C), simultaneously press and release
the MODE/
and NEXT buttons. The F or C icon will appear in the display.
5.
The meter measures WGBT index with (OUT) or without (IN) direct sun exposure.
Hold down the MODE/
for more than 1 second to alternate between settings. The
IN or OUT icon will appear in the display.
Alarm Setting
The HT30 has a user settable heat stress index alarm. The HT30 will emit an audible beep
when the heat stress index (WBGT) reaches the level previously set by the user. The
alarm will continue beep until the measured heat stress index temperature falls below the
alarm level set by the user, or the meter is turned off. The setting range is from 68.0 to
99.0°F (20.0 to 37.2°C).
1.
To enter the alarm setup mode, hold down the
/SET button for more than 2 seconds
when turning the meter on.
2.
The current alarm setting will be displayed with the most significant digit blinking.
3.
Use the MODE/
button to increment the digit.
4.
To set the next digit, momentarily press the NEXT button.
5.
After all of the digits are set, press and hold the NEXT button for 2 seconds to return
to the measuring mode.
NOTE: The OUT icon will appear in the display If the new setting is out of the setting range
of the alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com