Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT30 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # HT30
Description  Heat Stress WBGT Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HT30 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button HT30 Datasheet HTML 4Page - Extech Instruments Corporation. HT30 Datasheet HTML 5Page - Extech Instruments Corporation. HT30 Datasheet HTML 6Page - Extech Instruments Corporation. HT30 Datasheet HTML 7Page - Extech Instruments Corporation. HT30 Datasheet HTML 8Page - Extech Instruments Corporation. HT30 Datasheet HTML 9Page - Extech Instruments Corporation. HT30 Datasheet HTML 10Page - Extech Instruments Corporation. HT30 Datasheet HTML 11Page - Extech Instruments Corporation. HT30 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HT30 V3.0 08/07
9
How Heat Affects the Body
Human bodies dissipate heat by varying the rate and depth of blood circulation, by losing water through the
skin and sweat glands, and -- as the last extremity is reached -- by panting, when blood is heated above
98.6 degrees. The heart begins to pump more blood, blood vessels dilate to accommodate the increased
flow, and the bundles of tiny capillaries threading through the upper layers of skin are put into operation.
The body's blood is circulated closer to the skin's surface, and excess heat drains off into the cooler
atmosphere. At the same time, water diffuses through the skin as perspiration. The skin handles about 90
percent of the body's heat dissipating function.
Sweating, by itself, does nothing to cool the body, unless the water is removed by evaporation -- and high
relative humidity retards evaporation. The evaporation process itself works this way: the heat energy
required to evaporate the sweat is extracted from the body, thereby cooling it. Under conditions of high
temperature (above 90 degrees) and high relative humidity, the body is doing everything it can to maintain
98.6 degrees inside.The heart is pumping a torrent of blood through dilated circulatory vessels; the sweat
glands are pouring liquid -- including essential dissolved chemicals, like sodium and chloride -- onto the
surface of the skin.
Too Much Heat
Heat disorders generally have to do with a reduction or collapse of the body's ability to shed heat by
circulatory changes and sweating, or a chemical (salt) imbalance caused by too much sweating. When
heat gain exceeds the level the body can remove, or when the body cannot compensate for fluids and salt
lost through perspiration, the temperature of the body's inner core begins to rise and heat-related illness
may develop.
Ranging in severity, heat disorders share one common feature: the individual has overexposed or
overexercised for his/her age and physical condition in the existing thermal environment.
Sunburn, with its ultraviolet radiation burns, can significantly retard the skin's ability to shed excess heat.
Studies indicate that, other things being equal, the severity of heat disorders tend to increase with age --
heat cramps in a 17-year-old may be heat exhaustion in someone 40, and heat stroke in a person over 60.
Acclimatization has to do with adjusting sweat-salt concentration, among other things. The idea is to lose
enough water to regulate body temperature, with the least possible chemical disturbance.
Cities Pose Special Hazards
The stagnant atmospheric conditions of the heat wave trap pollutants in urban areas and add the stresses
of severe pollution to the already dangerous stresses of hot weather, creating a health problem of
undiscovered dimensions. A map of heat-related deaths in St. Louis during 1966, for example, shows a
heavier concentration in the crowded alleys and towers of the inner city, where air quality would also be
poor during a heat wave.
The high inner-city death rates also can be read as poor access to air-conditioned rooms. While air-
conditioning may be a luxury in normal times, it can be a lifesaver during heat wave conditions.
The cost of cool air moves steadily higher, adding what appears to be a cruel economic side to heat wave
fatalities. Indications from the 1978 Texas heat wave suggest that some elderly people on fixed incomes,
many of them in buildings that could not be ventilated without air conditioning, found the cost too high,
turned off their units, and ultimately succumbed to the stresses of heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com