Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT30 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # HT30
Description  Heat Stress WBGT Meter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

HT30 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button HT30 Datasheet HTML 4Page - Extech Instruments Corporation. HT30 Datasheet HTML 5Page - Extech Instruments Corporation. HT30 Datasheet HTML 6Page - Extech Instruments Corporation. HT30 Datasheet HTML 7Page - Extech Instruments Corporation. HT30 Datasheet HTML 8Page - Extech Instruments Corporation. HT30 Datasheet HTML 9Page - Extech Instruments Corporation. HT30 Datasheet HTML 10Page - Extech Instruments Corporation. HT30 Datasheet HTML 11Page - Extech Instruments Corporation. HT30 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HT30 V3.0 08/07
10
Know These Heat Disorder Symptoms
Heat
Disorder
Symptoms
First Aid
Sunburn
Redness and pain. In severe cases,
swelling of skin, blisters, fever,
headaches.
Ointment for mild cases if blisters appear. If breaking
occurs, apply dry sterile dressing. Serious, extensive
cases should be seen by a physician.
Heat
Cramps
Painful spasms usually in muscles of
legs and abdomen possible. Heavy
sweating.
Firm pressure on cramping muscles, or gentle
massage to relieve spasm. Give sips of water. If
nausea occurs, discontinue use.
Heat
Exhaustion
Heavy sweating, weakness, skin
cold, pale and clammy. Pulse
thready. Normal temperature
possible. Fainting and vomiting.
Get victim out of sun. Lay down and loosen clothing.
Apply cool wet cloths. Fan or move victim to air
conditioned room. Sips of water. If nausea occurs,
discontinue use. If vomiting continues, seek
immediate medical attention.
Heat
Stroke
(or
sunstroke)
High body temperature (106°F, or
higher). Hot dry skin. Rapid and
strong pulse. Possible
unconsciousness.
Heat stroke is a severe medical emergency.
Summon medical assistance or get the victim to
a hospital immediately. Delay can be fatal.
Move the victim to a cooler environment. Reduce
body temperature with cold bath or sponging. Use
extreme caution. Remove clothing, use fans and air
conditioners. If temperature rises again, repeat
process. Do not give fluids.
WARNING: Sudden temperature and humidity changes (e.g. going indoors to
outdoors) may cause inaccurate Temperature, Humidity and Heat Index
readings for up to 45 minutes. Until readings stabilize (e.g. stop steadily
increasing or decreasing), users should NOT rely on the Temperature,
Humidity or Heat Index readings of this meter, or on the meter’s alarm
function in regards to such readings. This meter is NOT a medical device
and users should NEVER rely on readings for medical purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com