Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7862 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7862 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7862 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
2/23/00
SPT7862
TYPICAL PERFORMANCE CHARACTERISTICS
65
60
55
50
45
40
70
0
5
10
15
20
THD
SNR
SINAD
THD, SNR, SINAD vs Input Frequency
Input Frequency (MHz)
0
10
30
50
THD
SNR
SINAD
THD, SNR, SINAD vs Sample Rate
Sample Rate (MSPS)
520
40
1
65
60
55
50
45
40
70
ƒIN = 10 MHz
70
65
60
55
–55
–40
0
25
70
85
125
THD
SNR
SINAD
THD, SNR, SINAD vs Temperature
Temperature (
°C)
50
45
40
–25
ƒIN = 10 MHz
0
10
30
50
Power Dissipation vs Sample Rate
Sample Rate (MSPS)
520
40
1
500
400
300
200
100
0
600
60
ƒIN = 10 MHz
Spectral Response
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com