Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7862 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7862 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7862 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
2/23/00
SPT7862
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 2 shows the typical inter-
face requirements when using the SPT7862 in normal
circuit operation. The following sections provide descrip-
tions of the major functions and outline critical performance
criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
log supply as shown in figure 2. A separate digital supply
using this power supply configuration to prevent a possible
latch-up condition on power up.
OPERATING DESCRIPTION
The general architecture for the dual CMOS ADC is shown
in the block diagram. Each ADC design contains 16 identi-
cal successive approximation (SAR) ADC sections (all oper-
ating in parallel), a 16-phase clock generator, an 11-bit 16:1
digital output multiplexer, correction logic, and a voltage ref-
erence generator which provides common reference levels
for each ADC section.
The high sample rate is achieved by using multiple SAR
ADC sections in parallel, each of which samples the input
signal in sequence. Each SAR ADC uses 16 clock cycles to
complete a conversion. The clock cycles are allocated as
follows:
Table II – Clock Cycles
Clock
Operation
1
Reference zero sampling
2
Auto-zero comparison
3
Auto-calibrate comparison
4
Input sample
5–15
11-bit SAR conversion
16
Data transfer
The 16-phase clock, which is derived from the input clock,
synchronizes these events. The timing signals for adjacent
SAR ADC sections are shifted by one clock cycle so that the
analog input is sampled on every cycle of the input clock by
exactly one SAR ADC section. After 16 clock periods, the
timing cycle repeats. The latency from analog input sample
to the corresponding digital output is 12 clock cycles.
DVDD
OVDDA
Interface
Logic
+D5V
+A5
+
+A5
+
10
µF
+D5
Interface
Logic
+D5V
+3V/5V
+3V/5V
10
10
DA9–0
OGNDA
DAVA
OVDDB
DB9–0
OGNDB
DAVB
EN
Enable/Tri-State
(Enable = Active Low)
AVDD
FB
CLKB
ClockINB
+5V
Analog
+5V
Analog
Return
VRHFA
VRHSA
VRLSA
VRLFA
VINA
VINRA
VCAL
CLKA
VRHFB
VRHSB
VRLSB
VRLFB
VINB
VINRB
VINA
ClockINA
Ref In (+4V)
AGND
DGND*
SPT7862
*To reduce the possibility of latch-up, avoid connecting
the DGND pins of the ADC to the digital ground of the system.
NOTES: 1. FB is a 10
µH inductor or ferrite bead. It is
to be located as close to the device as possible.
2. All capacitors are 0.1
µF surface-mount, unless
otherwise specified.
Ref In (+4V)
+5V
Digital
+5V
Digital
Return
10
µF
VINB
Figure 2 – Typical Interface Circuit
ply voltages on the SPT7862 be derived from a single ana-
CADEKA suggests that both the digital and the analog sup-
should be used for all interface circuitry. CADEKA suggests



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com