Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7862 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7862 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7862 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
2/23/00
SPT7862
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒS=40 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7862
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
10
Bits
DC Accuracy
Integral Nonlinearity
V
±1.0
LSB
Differential Nonlinearity
V
±0.5
LSB
Analog Input
Input Voltage Range
IV
VRLS
VRHS
V
Input Resistance
V
29
k
Ω
Input Capacitance
V
5.0
pF
Input Bandwidth
(Small Signal)
V
250
MHz
Offset
V
±2.0
LSB
Gain Error
V
±2.0
LSB
Reference Input
Resistance
V
500
Ω
Voltage Range
VRLS
IV
0
–
2.0
V
VRHS
IV
3.0
–
AVDD
V
VRHS – VRLS
V
1.0
4.0
5.0
V
∆(VRHF – VRHS)V
90
mV
∆(VRLS – VRLF)V
75
mV
Conversion Characteristics
Maximum Conversion Rate
VI
40
MHz
Minimum Conversion Rate
IV
2
MHz
Pipeline Delay (Latency)
IV
12
Clock Cycles
Aperture Delay Time
V
4.0
ns
Aperture Jitter Time
V
7
ps(rms)
Dynamic Performance
Effective Number of Bits
ƒIN = 3.58 MHz
V
9.1
Bits
ƒIN = 10.0 MHz
VI
7.8
8.3
Bits
Signal-to-Noise Ratio
(without Harmonics)
ƒIN = 3.58 MHz
V
57.9
dB
ƒIN = 10.0 MHz
TA = +25 °C
I
52
54.2
dB
ƒIN = 10.0 MHz
TA = TMIN to TMAX
IV
47
dB
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
Supply Voltages
AVDD ......................................................................... +6 V
DVDD ......................................................................... +6 V
Input Voltages
Analog Input ................................. –0.5 V to AVDD +0.5 V
VREF ................................................................. 0 to AVDD
CLK Input ................................................................... VDD
AVDD – DVDD ...................................................... ±100 mV
AGND – DGND ..................................................
±100 mV
Output
Digital Outputs ....................................................... 10 mA
Temperature
Operating Temperature ............................. –40 to +85
°C
Junction Temperature ......................................... +175
°C
Lead Temperature, (soldering 10 seconds) ........ +300
°C
Storage Temperature ............................... –65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com