Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7862 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7862 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7862 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
2/23/00
SPT7862
Table I – Timing Parameters
Figure 1a – Timing Diagram 1
tCL
tCH
Data Ø
Data 1
Data 2
Data 3
CLOCK IN
DATA
OUTPUT
DATA VALID
tS
tS
tOD
tCH
tCL
tC
tCLK
DESCRIPTION
PARAMETERS
MIN TYP MAX
UNITS
Conversion Time
tC
tCLK
ns
Clock Period
tCLK
25
ns
Clock High Duty Cycle
tCH
40
50
60
%
Clock Low Duty Cycle
tCL
40
50
60
%
Clock to Output Delay
(30 pF Load)
tOD
17
20
ns
Clock to DAV (30 pF load) tS
10
16
ns
ANALOG IN
CLOCK IN
1
3
5
7
9
11
13
15
17
SAMPLING
CLOCK
(Internal)
DATA OUTPUT
DATA VALID
VALID
INVALID
13
24
5
2
4
6
8
10
12
14
16
Figure 1b – Timing Diagram 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com