Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7862 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7862 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7862 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
2/23/00
SPT7862
Dynamic Performance
Harmonic Distortion
9 Distortion bins from
ƒIN = 3.58 MHz
1024 pt FFT
V
–63
dB
ƒIN = 10.0 MHz
TA = +25 °C
I
–55.7
–52
dB
ƒIN = 10.0 MHz
TA = TMIN to TMAX
IV
–52
dB
Signal-to-Noise and Distortion
(SINAD)
ƒIN = 3.58 MHz
V
56.7
dB
ƒIN = 10.0 MHz
TA = +25 °C
I
49
51.8
dB
ƒIN = 10.0 MHz
TA = TMIN to TMAX
IV
46
dB
Spurious Free Dynamic Range
ƒIN = 10.0 MHz
V
56.8
58.3
60
dB
Differential Phase
V
±0.3
Degree
Differential Gain
V
±0.3
%
Channel-to-Channel Crosstalk
ƒIN = 3.58 MHz
V
74
dB
ƒIN = 10.0 MHz
V
67
dB
Inputs
Logic 1 Voltage
VI
2.1
V
Logic 0 Voltage
VI
0.8
V
Maximum Input Current Low
VI
–10
+10
µA
Maximum Input Current High
VI
–10
+10
µA
Input Capacitance
V
+5
pF
Digital Outputs
Logic 1 Voltage
IOH = 0.5 mA
VI
OVDD –0.5
V
Logic 0 Voltage
IOL = 1.6 mA
VI
0.44
V
tRISE
15 pF load
V
10
ns
tFALL
15 pF load
V
10
ns
Output Enable to Data
Output Delay
20 pF load, TA = +25 °C
V
10
ns
50 pF load over temp.
V
22
ns
Power Supply Requirements
Voltages OVDD
IV
3.0
5.0
V
DVDD
IV
5.0
V
AVDD
IV
5.0
V
Currents AIDD + DIDD
VI
52
62
mA
OIDD
VI
12
14
mA
Power Dissipation
VI
320
380
mW
Power Supply Refection Ratio
V
70
dB
TEST LEVEL CODES
All electrical characteristics are subject to the follow-
ing conditions:
All parameters having min/max specifications are
guaranteed. The Test Level column indicates the
specific device testing actually performed during
production and Quality Assurance inspection. Any
blank section in the data column indicates that the
specification is not tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample tested at
the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and
characterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = 25 °C. Parameter is guaran-
teed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD=DVDD=OVDD=+5.0 V, VIN=0 to 4 V, ƒS=40 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7862
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com