Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7862 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7862
Description  10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7862 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7862 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7862 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT7862
10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
FEATURES
• Dual-channel, 10-Bit, 40 MSPS analog-to-digital
converter
• Low power dissipation: 320 mW (typical)
• Internal track-and-hold
• Single +5 volt supply
• Tri-state, TTL/CMOS-compatible outputs
• Selectable +3 or +5 V logic I/O
• High ESD protection of 3,500 volts minimum
APPLICATIONS
• Video set-top boxes
• Cellular base stations
• QPSK/QAM RF demodulation
• S-video digitizers
• Composite video digitizers
• Portable and handheld instrumentation
• Medical ultrasound
• Cable modems
• Video frame grabbers
GENERAL DESCRIPTION
The SPT7862 contains two separate 10-bit CMOS analog-
to-digital converters that have sampling rates of up to 40
MSPS. Each device has its own separate clock and refer-
ence inputs so that they can be used independently in
multichannel applications or can be driven from the same
inputs for demanding quadrature demodulation and S-video
applications. On-chip track-and-hold and advanced propri-
etary circuit design in a CMOS process technology provide
very good dynamic performance.
The SPT7862 operates from a single +5 V supply. Digital
data outputs are user selectable at +3 or +5 V. Output data
format is straight binary.
The SPT7862 is available in a 64-lead TQFP package
(10 x 10 mm) over the industrial temperature range of
–40
°C to +85 °C.
ADC
Reference
Ladder
Timing
Generation
VINA
VRHFA
VRHSA
VRLFA
VRLSA
CLK A
ADC
Reference
Ladder
Timing
Generation
VINB
VRHFB
VRHSB
VRLFB
VRLSB
CLK B
Output
Buffers
OVDDA (+3.3/5.0 V)
DA9–0
EN
Output
Buffers
OVDDB (+3.3/5.0 V)
DB9–0
AVDD
AGND
DVDD
DGND
VINRA
VINRB
OGNDA
OGNDB
DAVB
DAVA
BLOCK DIAGRAM


Similar Part No. - SPT7862

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7862 ETC-SPT7862 Datasheet
105Kb / 10P
10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
SPT7862SIT ETC-SPT7862SIT Datasheet
105Kb / 10P
10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
More results

Similar Description - SPT7862

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
10-Bit 40 MSPS A/D Converter
REV.B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
List of Unclassifed Man...
SPT7862 ETC-SPT7862 Datasheet
105Kb / 10P
10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
Dual 10-Bit 20/40 MSPS A/D Converter
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
10-Bit 40 MSPS A/D Converter
REV. D
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com