Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7871 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7871
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7871 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  SPT7871 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
9/7/98
SPT7871
TYPICAL PERFORMANCE CHARACTERISTICS
Dynamic Performance vs. Sample Rate
40
45
50
55
60
65
60
70
80
90
100
110
Sample Rate (MSPS)
SINAD
THD
SNR
Input Frequency = 25MHz
Dynamic Performance vs. Input Frequency
40
45
50
55
60
65
70
0
2040
6080
100
Input Frequency (MHz)
THD
SNR
Sample Rate = 80 MSPS
SINAD
Dynamic Performance vs. Input Frequency
35
40
45
50
55
60
0
2040
6080
100
Input Frequency (MHz)
Sample Rate = 100 MSPS
THD
SNR
SINAD
Dynamic Performance vs. Temperature
50
55
60
65
-25
0
25
50
75
100
Temperature (°C)
THD
SNR
SINAD
Sample Rate = 80 MSPS
Input Frequency = 25 MHz
Single Tone at 4.9 MHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
010
20
30
40
Frequency (MHz)
Sample Rate = 80 MSPS
10
20
30
40
Single Tone at 14.9 MHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
Frequency (MHz)
Sample Rate = 80 MSPS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com