Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7871 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7871
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7871 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7871 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
9/7/98
SPT7871
ABSOLUTE MAXIMUM RATING (Beyond which damage may occur)1
Supply Voltages
AVCC ........................................................................ 0 to +6.5 V
DVCC ........................................................................ 0 to +6.5 V
VEE ............................................................................. 0 to -6.5 V
Input Voltages
Analog Input ............................................. VEE≤VIN≤VCC
LINV/MINV Inputs .......................... -0.5 V to VCC +0.5 V
CLK/NCLK Inputs ........................................... VEE to 0 V
Output
Digital Outputs ......................................... +30 to -30 mA
Temperature
Operating Temperature ............................. -40 to + 85
°C
Junction Temperature ........................................ + 175
°C
Lead, Soldering (10 seconds) ............................ + 300
°C
Storage .................................................... -60 to + 150
°C
Note: 1. Operation at any Absolute Maximum Ratings is not implied. See Electrical Specifications for proper nominal applied
conditions in typical applications.
DC Performance
Resolution
10
Bits
Differential Linearity
fClock = 6.4 MHz
I
-1.0
±0.5
±1.25
LSB
Integral Linearity, Best Fit
fClock = 6.4 MHz
I
±1.0
±2.0
LSB
Full Temperature
V
±2.5
LSB
No Missing Codes
fClock = 6.4 MHz
I
Guaranteed
Analog Input
Input Voltage Range
V
±1.0
V
Input Bias Current
I
-100
25
100
µA
Input Resistance
I
50
150
k
Full Temperature
V
100
k
Input Capacitance
V
5
pF
Input Bandwidth
Full Power
IV
150
180
MHz
±FS Offset Error
I
±20
±100
mV
Timing Characteristics
Minimum Conversion Rate
V
2
MSPS
Maximum Conversion Rate
IV
100
MSPS
Pipeline Delay (Latency)
IV
2
Clock
Transient Response
V
10
ns
Overvoltage Recovery Time
V
10
ns
Output Delay (td)V
3
ns
Aperture Delay Time
V
1
ns
Aperture Jitter Time
V
5
ps (rms)
Dynamic Performance
Effective Number of Bits
fIN = 10 MHz
I
8.1
8.5
Bits
fIN = 25 MHz
I
8.1
8.5
Bits
fIN = 25 MHz
fclock = 100 MHz
V
8.0
Bits
fIN = 50 MHz
I
7.5
7.8
Bits
fIN = 50 MHz
fclock = 100 MHz
V
7.5
Bits
Signal-To-Noise Ratio
fIN = 10 MHz
I
52
54
dB
fIN = 25 MHz
I
52
54
dB
fIN = 25 MHz
fclock = 100 MHz
V
51
dB
fIN = 50 MHz
I
52
54
dB
fIN = 50 MHz
fclock = 100 MHz
V
50
dB
Total Harmonic Distortion1
fIN = 10 MHz
I
-56
-62
dBc
fIN = 25 MHz
I
-56
-60
dBc
fIN = 25 MHz
fclock = 100 MHz
V
-56
dBc
fIN = 50 MHz
I
-48
-51
dBc
fIN = 50 MHz
fclock = 100 MHz
V
-50
dBc
TA = +25 °C , DVCC =AVCC = +5.0 V, VEE = -5.2 V, VIN = ±1.0 V, fclock = 80 MHz, 50% clock duty cycle, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com