Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7871 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7871
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7871 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7871 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT7871
10-BIT, 100 MSPS TTL A/D CONVERTER
BLOCK DIAGRAM
NCLK (ECL)
Analog Input
AVCC
CLK (ECL)
Timing and
Control
8-Bit Folder
ADC
(LSB)
T/H
3-Bit
Flash
(MSB)
3-Bit
DAC
Error Correction Logic
Σ
T/H
Output
Latches
and
Buffers
(TTL)
D4
D3
D2
D1
D0
D9 (MSB)
D8
D7
D6
D5
D10 (Overrange)
MINV (CMOS/TTL)
LINV (CMOS/TTL)
VEE
AGND
DGND
VIN
DVCC
Internal
+1.0 V Reference
Internal
-1.0 V Reference
Reference
Ladder
VT*
VM*
VB*
* Provided for reference decoupling purposes only.
APPLICATIONS
• Professional Video
• HDTV
• Communications
• Imaging
• Digital Oscilloscopes
FEATURES
• 10-Bit, 100 MSPS Analog-to-Digital Converter
• Monolithic Bipolar
• Single-Ended Bipolar Analog Input
• -1.0 V to +1.0 V Analog Input Range
• Internal Sample-and-Hold
• Internal Voltage Reference
• Programmable Data Output Formats
• Single Ended TTL Outputs
• Differential ECL Clock Input
GENERAL DESCRIPTION
The SPT7871 is a 10-bit, 100 MSPS analog-to-digital con-
verter, with a two stage subranging flash/folder architecture.
The bipolar, single-ended analog input provides an easy
interface for most applications. Programmable data output
formats provide additional ease of implementation and flex-
ibility. The device supports high speed TTL outputs.
The resolution and performance of this device makes it well
suited for professional video and HDTV applications. The on-
chip track-and-hold provides for excellent AC performance
enabling this device to be a converter of choice for RF
communications and digital sampling oscilloscopes. The
SPT7871 is available in a 44L cerquad package in the
industrial temperature range and in die form.


Similar Part No. - SPT7871

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7871SCU FAIRCHILD-SPT7871SCU Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
SPT7871SIQ FAIRCHILD-SPT7871SIQ Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
More results

Similar Description - SPT7871

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV.B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV.B
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
10-BIT, 100 MSPS TTL A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
10-BIT, 10 MSPS, 100 mW A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
10-Bit, 100 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com