Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7871 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7871
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7871 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7871 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
9/7/98
SPT7871
PIN FUNCTIONS
Name
I/O
Function
VIN
I
Analog Input
D0-D9
O
Digital Output Data (D0 = LSB) (TTL)
D10
O
Overflow (TTL)
CLK
I
Clock (Internal Pull-Down to Ground)
NCLK
I
Inverted Clock (ECL)
(Internal Pull-Down to -1.3 V)
LINV
I
Invert Least Significant Bits (D0-D8);
CMOS/TTL Level; Invert=+5 V;
Internal Pull-Down to Ground
MINV
I
Invert MSB (D9);
CMOS/TTL Level; Invert=+5 V;
Internal Pull-Down to Ground
VT
N/A
Internal Top Reference Decoupling
(+1 V typical)
VM
N/A
Internal Mid-Point Reference Decoupling
(0 V typical)
VB
N/A
Internal Bottom Reference Decoupling
(-1 V typical)
AVCC
I
+5 V Analog Supply
DVCC
I
+5 V Digital Supply
VEE
I
-5.2 V Supply
N/C
-
Not Connected
AGND
I
Analog Ground
DGND
I
Digital Ground
PIN ASSIGNMENTS
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7871SIQ
-40 to +85
°C
44L Cerquad
SPT7871SCU
+25
°C
Die*
*Please see the die specification for guaranteed electrical performance.
VB
N/C
N/C
VM
N/C
VIN
N/C
N/C
VT
AVCC
AVCC
DØ
D1
D2
D3
D4
D5
D6
D7
D8
D9
D1Ø
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
44L Cerquad



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com