Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7871 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7871
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7871 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7871 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
9/7/98
SPT7871
ELECTRICAL SPECIFICATIONS
TA = +25 °C , DVCC =AVCC = +5.0 V, VEE = -5.2 V, VIN = ±1.0 V, fclock = 80 MHz, 50% clock duty cycle, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Signal-to-Noise + Distortion (SINAD)
fIN =10 MHz
I
51
53
dB
fIN = 25 MHz
I
51
53
dB
fIN = 25 MHz
fclock = 100 MHz
V
50
dB
fIN = 50 MHz
I
47
49
dB
fIN = 50 MHz
fclock = 100 MHz
V
47
dB
Spurious Free Dynamic Range
fIN = 10 MHz
V
65
dB FS
fIN = 25 MHz
V
63
dB FS
fIN = 50 MHz
V
52
dB FS
Two-Tone IMD Rejection2
V
-65
dBc
Differential Phase
V
0.5
Degree
Differential Gain
V
1
%
Power Supply Requirements
AVCC Supply Voltage
IV
4.75
5.0
5.25
V
DVCC Supply Voltage
IV
4.75
5.0
5.25
V
VEE Supply Voltage
IV
-4.95
-5.2
-5.45
V
VCC Supply Current
Full Temperature
VI
210
248
mA
VEE Supply Current
Full Temperature
VI
128
151
mA
Power Dissipation
Full Temperature
VI
1.7
2.0
W
Power Supply Rejection Ratio
IV
30
dB
Digital Inputs
LINV, MINV
V
CMOS/TTL
Logic
Clock Inputs
Logic 1 Voltage (ECL)
VI
-1.1
V
Logic 0 Voltage (ECL)
VI
-1.5
V
Maximum Input Current Low
VI
-100
+100
µA
Maximum Input Current High
VI
-100
+100
µA
Pulse Width Low (CLK)
IV
4.0
250
ns
Pulse Width High (CLK)
IV
4.0
250
ns
Rise/Fall Time
20% to 80%
IV
1.5
ns
Digital Outputs
Logic 1 Voltage (TTL)
2 mA
VI
2.4
2.8
V
Logic 0 Voltage (TTL)
2 mA
VI
0.5
0.8
V
tRise
10% to 90%
V
2.0
ns
tFall
10% to 90%
V
2.0
ns
12048 pt FFT using distortion harmonics 2 through 10.
2Measured as a second order (f1-f2) intermodulation product from a two-tone test with each input tone at 0 dBm.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all tests are pulsed
tests; therefore, TJ = TC = TA.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com