Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7871 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7871
Description  10-BIT, 100 MSPS TTL A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7871 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT7871 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7871 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
9/7/98
SPT7871
PACKAGE OUTLINE
adequate thermal performance under laboratory tests. Air
flow may be required for operation at elevated ambient
perature be maintained under +150
°C.
The thermal impedance values for the cerquad package are
θJC = 3.3 °C/W and θJA = 70 °C/W (junction to ambient in still
air with no heat sink).
TTL DIGITAL OUTPUT LEVELS
The SPT7871 supports TTL and some CMOS logic levels.
(Refer to minimum high voltage level for selected digital parts
that will interface with the SPT7871.) It has single-ended outputs
that are driven off a separate +5 V digital supply (DVCC).
THERMAL MANAGEMENT
to ensure rated performance. A heat sink in still air provides
Figure 4 - Digital Outputs Equivalent Circuit
Figure 2 - Typical Interface Circuit
Figure 3 - Clock Input Equivalent Circuit
AGND
CLK
26 k
Ω
AVCC
VEE
6 k
Ω
52 k
Ω
-1.3 V
(ESD)
(ESD)
NCLK
26 k
Ω
(ESD)
(ESD)
DGND
(ESD)
(ESD)
TTL OUT
DVCC
+A5
-A5.2
.01
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
DGND
.01
FB1
Analog
Input
ECL
Differential
Clock Input
.01
.01
MINV
LINV
+A5
+D5
Interfacing
Logics
SPT7871
AGND
VEE
AVCC
CLK
CLK
VB
VT
VM
VIN
X
X
DVCC
FB2
FB3
*
*
Notes:
1)
= Line termination
2)
= 0.01 µF chip cap. in parallel with
2.2 µF, tant cap.
3) Immediate output buffer is highly recommended
to optimize the performance due to reflection.
X
*
+5V
DGND
+D5
+
10 µF
+5 V
-5.2 V
AGND
+A5
-A5.2
+
10 µF
+
10µF
44L Cerquad
C
D
A
B
A
B
0 - 5°
E
F
G
H
1
44
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.550 typ
13.97 typ
B
0.685
0.709
17.40
18.00
C
0.037
0.041
0.94
1.04
D
0.016 typ
0.41 typ
E
0.008 typ
0.20 typ
F
0.027
0.051
0.69
1.30
G
0.006 typ
0.15 typ
H
0.080
0.150
2.03
3.81
CADEKA recommends that a heat sink be used for this device
temperature. CADEKA recommends that the junction tem-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com