Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9693 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT9693 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
3/1/01
SPT9693
TYPICAL PERFORMANCE CHARACTERISTICS
1.1
1.5
1.9
2.3
2.7
–1.50
–1.30
–1.10
RISE AND FALL OF OUTPUTS vs TIME CROSSOVER
TIME (ns)
–1.90
–1.70
–.90
3.5
VOD (mV)
1100
PROPAGATION DELAY vs INPUT
OVERDRIVE VOLTAGE
1200
1300
1400
1500
50
100
150
200
250
300
350
400
Input Slew Rates
= 1 V/ns
= 2 V/ns
= 5 V/ns
–4
–2
0
VIN, cm (V)
1200
+2
+4
PROPAGATION DELAY vs
COMMON MODE INPUT VOLTAGE
+6
+8
1300
1400
1500
1600
HYSTERESIS vs DLATCH VOLTAGE
–30
–20
–10
0
10
30
20
10
20
30
40
50
V Hysteresis (mV)
VLE–VLE
(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com