Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9693 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
3/1/01
SPT9693
PIN ASSIGNMENTS
PIN FUNCTIONS
NAME
FUNCTION
QA
Output A
QA
Inverted Output A
GNDA
Ground A
LEA
Inverted Latch Enable A
LEA
Latch Enable A
AVCC(A)
Positive Supply Voltage (+10 V)
AVEE(A)
Negative Supply Voltage (–10 V)
AVCC(B)
Positive Supply Voltage (+10 V)
AVEE(B)
Negative Supply Voltage (–10 V)
–INA
Inverting Input A
+INA
Noninverting Input A
+INB
Noninverting Input B
–INB
Inverting Input B
LEB
Inverted Latch Enabled B
LEB
Latch Enable B
GNDB
Ground B
QB
Inverted Output B
QB
Output B
N/C
Not Connected
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT9693SCC
0 to +70 °C
LCC
SPT9693SCP
0 to +70 °C
PLCC
SPT9693SCU
+25 °CDie*
*Please see the die specification for guaranteed electrical performance.
4
5
6
7
8
18
17
16
15
14
910
11
12
13
32
1
20
19
TOP VIEW
LCC/PLCC
QB
QA
QA
QB GNDB
LEB
LEB
N/C
AVEE(B)
AVCC(B)
–INB
+INB
+INA
–INA
AVCC(A)
LEA
LEA
N/C
AVEE(A)
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com