Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9693 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT9693 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
3/1/01
SPT9693
TYPICAL PERFORMANCE CHARACTERISTICS
–3.0
–1.6
+0.8
+3.2
+5.6
+8.0
–6.0
–2.0
+2.0
+6.0
INPUT OFFSET VOLTAGE vs COMMON MODE VOLTAGE
(T=+25 °C)
COMMON MODE VOLTAGE (V)
+10.0
–10.0
–3.0
–1.6
+0.8
+3.2
+5.6
+8.0
INPUT BIAS CURRENT vs COMMON MODE VOLTAGE
(+25 °C)
COMMON MODE VOLTAGE (V)
0.1
1.0
10
0.001
0.01
100
0
+25
+50
TEMPERATURE (°C)
1200
+75
+100
PROPAGATION DELAY TIME vs TEMPERATURE
+125
+150
1300
1400
1500
1600
Slope ˜ 2 ps/ °C
DELAY DISPERSION vs INPUT PULSE WIDTH
0
500
1000
1500
2000
3000
2500
10
20
30
40
50
INPUT PULSE WIDTH (ps)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com