Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9693 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT9693 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
3/1/01
SPT9693
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications. Application of multiple maximum rating
conditions at the same time may damage the device.
ELECTRICAL SPECIFICATIONS
TA = +25 °C, AVCC = +10 V, AVEE = –10.0 V, RL = 50 Ohm to –2 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Offset Voltage
VIN (Common Mode) = 0
I
–25
0.0
+25
mV
TMIN<TA<TMAX
IV
–25
0.0
+25
mV
Offset Voltage Tempco
V
50
µV/°C
Input Bias Current
TMIN<TA<TMAX
I
±10
±100
nA
VIN (Common Mode) = –3 to +7 V
Input Bias Current
TMIN<TA<TMAX
I
±50
±150
nA
VIN (Common Mode) = +7 to +8 V
Input Offset Current
V
±1.0
nA
TMIN<TA<TMAX
V
±10
nA
Positive Supply Current (Dual)
AVCC=10 V
I
3
6
mA
Negative Supply Current (Dual)
AVEE=–10.0 V
I
40
55
mA
Positive Supply Voltage, AVCC
IV
9.75
10.0
10.25
V
Negative Supply Voltage, AVEE
IV
–9.75
–10.0
–10.25
V
Input Common Mode Range
I
–3.0
+8.0
V
Latch Enable
Common Mode Range
IV
–2.0
0
V
Differential Voltage Range
I
±10
V
Open Loop Gain
V
52
dB
Differential Input Resistance
V
2
G
Ω
Input Capacitance
V
1.0
pF
Power Supply Sensitivity
V
60
dB
Common Mode Rejection Ratio
I
50
60
dB
TMIN<TA<TMAX
IV
45
55
dB
Power Dissipation
Dual
I
430
610
mW
Output High Level
ECL 50 Ohms to –2 V
I
–.98
–.70
V
Output Low Level
ECL 50 Ohms to –2 V
I
–1.95
–1.65
V
Supply Voltages (Measured to GND)
Positive Supply Voltage (AVCC) ............ –0.5 to +11.0 V
Negative Supply Voltage (AVEE) ........... –11.0 to +0.5 V
Input Voltages
Input Common Mode Voltage ................ –6 to +AVCC+1
Differential Input Voltage .................... –12.0 to +12.0 V
Input Voltage, Latch Controls ...................... –6 to 0.5 V
VIN to AVCC Differential Voltage ............... –16 to +1.0 V
VIN to AVEE Differential Voltage ............... +4 to +21.0 V
Output
Output Current ................................................... 30 mA
Temperature
Operating Temperature, ambient ................ 0 to +70 °C
junction......................+150 °C
Lead Temperature, (soldering 60 seconds) ..... +300 °C
Storage Temperature ............................ –65 to +150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com