Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9693 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT9693 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
3/1/01
SPT9693
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TA = +25 °C, AVCC = +10 V, AVEE = –10.0 V, RL = 50 Ohm to –2 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
AC ELECTRICAL PARAMETERS
Propagation Delay1
50 mV O.D., Slew 10 V/ns
IV
.75
1.25
1.50
ns
Propagation Delay Tempco
V
2
ps/ °C
Propagation Delay Skew (A vs B)
V
100
ps
Delay Dispersion from
V
50
ps
Input Direction
Delay Dispersion from
V
60
ps
Input Common Mode
Latch Set-up Time
V
500
ps
Latch to Output Delay
50 mV O.D.
V
500
ps
Latch Pulse Width
V
500
ps
Latch Hold Time
V
0
ps
Rise Time
20% to 80%
V
0.45
ns
Fall Time
20% to 80%
V
0.45
ns
Slew Rate
V
5
V/ns
1
Valid for both high-to-low and low-to-high transitions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com