Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9693 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT9693 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QB
QA
GNDB
QA
QB
LEB
LEB
N/C
AVEE(B)
AVCC(B)
–INB
+INB
+INA
–INA
AVCC(A)
LEA
LEA
N/C
AVEE(A)
GNDA
SPT9693
WIDE INPUT VOLTAGE, JFET COMPARATOR
TECHNICAL DATA
MARCH 1, 2001
FEATURES
• Common mode range –3.0 to +8.0 V
• Low input bias current <100 pA
• Propagation delay 1.5 ns (max)
• Low offset ±25 mV
• Low feedthrough and crosstalk
• Differential latch control
APPLICATIONS
• Automated test equipment
• High-speed instrumentation
• Window comparators
• High-speed timing
• Line receivers
• High-speed triggers
• Threshold detection
• Peak detection
GENERAL DESCRIPTION
The SPT9693 is a high-speed, wide common mode volt-
age, JFET input, dual comparator. It is designed for appli-
cations that measure critical timing parameters in which
wide common mode input voltages of –3.0 to +8.0 V are
required. Propagation delays are constant for overdrives
greater than 50 mV.
JFET inputs reduce the input bias currents to the
nanoamp level, eliminating the need for input drivers and
buffers in most applications. The device has differential
analog inputs and complementary logic outputs com-
patible with ECL systems. Each comparator has a
complementary latch enable control that can be driven by
standard ECL logic.
The SPT9693 is available in 20-contact LCC and 20-lead
PLCC packages over the commercial temperature range.
It is also available in die form.
BLOCK DIAGRAM


Similar Part No. - SPT9693

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT9693 ETC-SPT9693 Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
SPT9693SCC ETC-SPT9693SCC Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
SPT9693SCP ETC-SPT9693SCP Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
SPT9693SCU ETC-SPT9693SCU Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
More results

Similar Description - SPT9693

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
List of Unclassifed Man...
SPT9693 ETC-SPT9693 Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
List of Unclassifed Man...
SPT9691 ETC-SPT9691 Datasheet
91Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
SPT9691 CADEKA-SPT9691 Datasheet
415Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com