Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button LM75 Datasheet HTML 4Page - Maxim Integrated Products LM75 Datasheet HTML 5Page - Maxim Integrated Products LM75 Datasheet HTML 6Page - Maxim Integrated Products LM75 Datasheet HTML 7Page - Maxim Integrated Products LM75 Datasheet HTML 8Page - Maxim Integrated Products LM75 Datasheet HTML 9Page - Maxim Integrated Products LM75 Datasheet HTML 10Page - Maxim Integrated Products LM75 Datasheet HTML 11Page - Maxim Integrated Products LM75 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Temperature Data Format
Temperature data is stored in the Temperature, TOS Set
Point, and THYST Set Point registers. The temperature
data format is 9 bits, two’s complement, and the register
is read out in 2 bytes: an upper byte and a lower byte.
Bits D15–D7 contain the temperature data, with the LSB
representing 0.5°C and the MSB representing the sign
bit (see Table 3). The MSB is transmitted first. The last 7
bits of the lower byte, bits D6–D0, are don’t cares.
Shutdown
Set bit D0 in the Configuration register to 1 to place the
LM75 in shutdown mode and reduce supply current to
4µA. In interrupt mode, entering shutdown resets the
OS output. While in shutdown, the I2C remains active
and TOS and THYST limit registers along with the
Configuration register remain accessible to the master.
Fault Queue
The fault queue prevents OS false tripping in noisy
environments. The number of faults set in the queue (up
to 6) must occur to trip the OS output.
Comparator/Interrupt Mode
The events that trigger OS are identical between com-
parator and interrupt modes. In comparator mode, OS
is asserted when the temperature rises above the TOS
value. OS is deasserted when the temperature drops
below the THYST value. In interrupt mode, OS is assert-
ed when the temperature rises above the TOS value or
falls below the THYST value. OS is deasserted only after
performing a read operation.
OS Output
The OS output is an open-drain output without an inter-
nal pullup. Connect a pullup resistor from OS to +VS.
Using larger resistance values reduces any tempera-
ture errors due to self heating from current entering OS.
OS Polarity
The OS polarity can be programmed for active-low or
active-high operation. In active-low operation, OS goes
low when triggered by a temperature event.
Internal Registers
The LM75’s Pointer register selects between four data
registers (see Figure 6). At power-up, the pointer is set
to read the Temperature register at address 0x00. The
Pointer register latches the last location to which it was
set. All registers are read and write, except the
Temperature register, which is read only.
Write to the Configuration register by writing an address
byte, a data pointer byte, and a data byte. If 2 data
bytes are written, the second data byte overrides the
first. The TOS and THYST registers require 1 address
byte, 1 pointer byte, and 2 data bytes. If only 1 data
byte is written, it is saved in bits D15–D8 of the respec-
tive register. If more than 2 data bytes are written, only
the first 2 bytes are recognized while the remaining
bytes are ignored.
Read from the LM75 in one of two ways. If the location
latched in the Pointer register is set from the previous
read, the new read consists of an address byte, fol-
lowed by retrieving the corresponding number of data
bytes. If the Pointer register needs to be set to a new
address, perform a read operation by writing an
address byte, pointer byte, repeat start, and another
address byte.
An inadvertent 8-bit read from a 16-bit register, with the
D7 bit low, can cause the device to stop in a state
where the SDA line is held low. Ordinarily, this would
prevent any further bus communication until the master
sends nine additional clock cycles or SDA goes high.
At that time, a stop condition resets the device. If the
additional clock cycles are not generated by the mas-
ter, the LM75 bus resets and unlocks after the bus time-
out period has elapsed.
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
_______________________________________________________________________________________
9
SMBus is a trademark of Intel Corp.
Figure 6. Block Diagram
LM75
+VS
A2/RESET
A1
A0
SDA
SCL
OS
SMBus™
INTERFACE
BLOCK
POINTER REGISTER
(SELECTS REGISTER
FOR COMMUNICATION)
DATA
ADDRESS
REGISTER SELECT
GND
TEMPERATURE
(READ ONLY)
POINTER = 0000 0000
TOS SET POINT
(READ/WRITE)
POINTER = 0000 0011
THYST SET POINT
(READ/WRITE)
POINTER = 0000 0010
CONFIGURATION
(READ/WRITE)
POINTER = 0000 0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com