Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 1 Page - Maxim Integrated Products

  LM75 Datasheet HTML 1Page - Maxim Integrated Products LM75 Datasheet HTML 2Page - Maxim Integrated Products LM75 Datasheet HTML 3Page - Maxim Integrated Products LM75 Datasheet HTML 4Page - Maxim Integrated Products LM75 Datasheet HTML 5Page - Maxim Integrated Products LM75 Datasheet HTML 6Page - Maxim Integrated Products LM75 Datasheet HTML 7Page - Maxim Integrated Products LM75 Datasheet HTML 8Page - Maxim Integrated Products LM75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The LM75 temperature sensor includes a delta-sigma
analog-to-digital converter, and a digital overtempera-
ture detector. The host can query the LM75 through its
I2C interface to read temperature at any time. The
open-drain overtemperature output (OS) sinks current
when the programmable temperature limit is exceeded.
The OS output operates in either of two modes, com-
parator or interrupt. The host controls the temperature
at which the alarm is asserted (TOS) and the hysteresis
temperature below which the alarm condition is not
valid (THYST). Also, the LM75’s TOS and THYST regis-
ters can be read by the host. The address of the LM75
is set with three pins to allow multiple devices to work
on the same bus. Power-up is in comparator mode, with
defaults of TOS = +80°C and THYST = +75°C. The 3.0V
to 5.5V supply voltage range, low supply current, and
I2C interface make the LM75 ideal for many applica-
tions in thermal management and protection.
Applications
Thermal System Management
Thermal Protection
Test Equipment
Computers and Office Electronics
Features
o SO (SOP) and µMAX® (µSOP) Packages
o I2C Bus Interface
o Separate Open-Drain OS Output Operates as
Interrupt or Comparator/Thermostat Input
o Register Readback Capability
o Power-Up Defaults Permit Stand-Alone Operation
as a Thermostat
o 3.0V to 5.5V Supply Voltage
o Low Operating Supply Current 250µA (typ), 1mA
(max)
o 4µA (typ) Shutdown Mode Minimizes Power
Consumption
o Up to Eight LM75s Can Be Connected to a Single
Bus
o Pin- and/or Register-Compatible with Improved-
Performance Maxim Sensors Including MAX7500,
MAX6625, MAX6626, DS75LV, and DS7505
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
________________________________________________________________
Maxim Integrated Products
1
Functional Diagram
Ordering Information/Selector Guide
19-4385; Rev 0; 3/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Note:
Devices are specified over the -55°C to +125°C temperature range and include I2C noise filter.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
PART
PIN-PACKAGE
PKG
SUPPLY VOLTAGE (V)
TOP MARK
LM75BIM-3+
8 SO (SOP)
Bulk
3.3
LM75BIM-3
LM75BIMX-3+
8 SO (SOP)
T&R
3.3
LM75BIM-3
LM75BIMM-3+
8 µMAX (µSOP)
Bulk
3.3
T01B
LM75BIMMX-3+
8 µMAX (µSOP)
T&R
3.3
T01B
LM75BIM-5+
8 SO (SOP)
Bulk
5.0
LM75BIM-5
LM75BIMX-5+
8 SO (SOP)
T&R
5.0
LM75BIM-5
LM75BIMM-5+
8 µMAX (µSOP)
Bulk
5.0
T00B
LM75BIMMX-5+
8 µMAX (µSOP)
T&R
5.0
T00B
OS
SDA
SCL
A0
A1
A2
+VS = 3.0V to 5.5V
SILICON
BANDGAP
TEMPERATURE
SENSOR
9-BIT DELTA-
SIGMA ADC
CONFIGURATION
REGISTER
TOS SET POINT
REGISTER
THYST SET
POINT REGISTER
SET POINT
COMPARATOR W/
HYSTERESIS
2-WIRE INTERFACE
POINTER
REGISTER
88
16
16
16
16
16
8
3
1
2
4
7
6
5
1
+
2
3
4
8
7
6
5
+VS
A0
A1
A2
GND
OS
SCL
SDA
LM75
μMAX (μSOP), SO
TOP VIEW
Pin Configuration


Similar Part No. - LM75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Seoul Semiconductor
LM750Z SEOUL-LM750Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM751 SEOUL-LM751 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results

Similar Description - LM75

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com