Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button LM75 Datasheet HTML 2Page - Maxim Integrated Products LM75 Datasheet HTML 3Page - Maxim Integrated Products LM75 Datasheet HTML 4Page - Maxim Integrated Products LM75 Datasheet HTML 5Page - Maxim Integrated Products LM75 Datasheet HTML 6Page - Maxim Integrated Products LM75 Datasheet HTML 7Page - Maxim Integrated Products LM75 Datasheet HTML 8Page - Maxim Integrated Products LM75 Datasheet HTML 9Page - Maxim Integrated Products LM75 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
6
_______________________________________________________________________________________
tBUF
tSU:STO
tHD:STA
tSU:STA
tHD:DAT
tHIGH
tLOW
tSU:DAT
tHD:STA
SCL
SDA
tF
tR
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
START
CONDITION
(S)
START
CONDITION
(S)
REPEATED START
CONDITION
(SR)
PARAMETERS ARE MEASURED FROM 10% TO 90%.
Figure 2. Serial Bus Timing
UPPER BYTE
LOWER BYTE
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Sign bit
1= Negative
0 = Positive
MSB
64
°C
32°C
16°C
8°C
4°C
2°C
1°C
LSB
0.5°C
XXXXX
XX
Table 3. Temperature, THYST, and TOS Register Definition
X
= Don’t care.
X
= Don’t care.
DIGITAL OUTPUT
TEMPERATURE (°C)
BINARY
HEX
+125
0111 1101 0XXX XXXX
7D0X
+25
0001 1001 0XXX XXXX
190X
+0.5
0000 0000 1XXX XXXX
008X
0
0000 0000 0XXX XXXX
000X
-0.5
1111 1111 1XXX XXXX
FF8X
-25
1110 0111 0XXX XXXX
E70X
-55
1100 1001 0XXX XXXX
C90X
Table 4. Temperature Data Output Format
0111 1101 0
0001 1001 0
0000 0000 1
0000 0000 0
1111 1111 1
1110 0111 0
1100 1001 0
-55
-25
-0.5 0 +0.5
+25
+125
LOCAL
TEMPERATURE (C)
Figure 3. Temperature-to-Digital Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com