Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 2 Page - Maxim Integrated Products

  LM75 Datasheet HTML 1Page - Maxim Integrated Products LM75 Datasheet HTML 2Page - Maxim Integrated Products LM75 Datasheet HTML 3Page - Maxim Integrated Products LM75 Datasheet HTML 4Page - Maxim Integrated Products LM75 Datasheet HTML 5Page - Maxim Integrated Products LM75 Datasheet HTML 6Page - Maxim Integrated Products LM75 Datasheet HTML 7Page - Maxim Integrated Products LM75 Datasheet HTML 8Page - Maxim Integrated Products LM75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (Note 1)
ELECTRICAL CHARACTERISTICS
(+VS = +3.0V to +5.5V, unless otherwise noted. Temperature accuracy specifications apply for +VS = 3.3V for versions with “-3” in
the suffix and for +VS = 5V for versions with “-5” in the suffix. TA = -55°C to +125°C, unless otherwise noted. Typical values are at
+VS = +5V, TA = +25°C.) (Notes 4, 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
+VS to GND ...........................................................-0.3V to +6.0V
OS, SDA, SCL to GND...........................................-0.3V to +6.0V
All Other Pins to GND .................................-0.3V to (+VS + 0.3V)
Input Current at Any Pin (Note 2)..........................................5mA
Package Input Current (Note 2)..........................................20mA
OS Output Sink Current ......................................................10mA
Continuous Power Dissipation (TA = +70°C) (Note 3)
8-Pin µMAX (µSOP)
(derate 4.5mW/°C above +70°C) ..................................362mW
8-Pin SO (SOP) (derate 5.9mW/°C above +70°C) ........471mW
Junction-to-Case Thermal Resistance (
θJC) (Note 3)
8-Pin µMAX (µSOP) .......................................................42°C/W
8-Pin SO (SOP)..............................................................40°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (Note 3)
8-Pin µMAX (µSOP) .....................................................221°C/W
8-Pin SO (SOP)............................................................170°C/W
ESD Protection
Human Body Model (RD = 1.5k
Ω, CS = 100pF)
All Pins to GND .................................................................±2kV
Operating Temperature Range .........................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-25°C
≤ TA ≤ +100°C
-2.0
+2.0
Accuracy (6
σ)
-55°C
≤ TA ≤ +125°C
-3.0
+3.0
°C
-25°C
≤ TA ≤ +100°C
-1.5
+1.5
Accuracy (3
σ) (Note 6)
-55°C
≤ TA ≤ +125°C
-2.0
+2.0
°C
Resolution
9
Bits
Temperature Conversion Time
(Note 7)
100
300
ms
I2C inactive
0.25
0.5
mA
Shutdown mode, +VS = 3V
4
Quiescent Supply Current
Shutdown mode, +VS = 5V
6
µA
+VS Supply Voltage Range
3.0
5.5
V
OS Output Saturation Voltage
IOUT = 4.0mA (Note 8)
0.8
V
OS Delay
(Note 9)
1
6
Conver-
sions
OS Output Fall Time
tOF
CL = 400pF, IO = 3mA (Note 10)
250
ns
TOS Default Temperature
(Note 11)
80
°C
THYST Default Temperature
(Note 11)
75
°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifica-
tions do not apply when operating the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the Absolute Maximum limits (VI < GND, VI > 6V or VI > +VS), the current at
that pin should be limited to 5mA. The 20mA maximum package input current rating limits the number of pins that can safely
exceed the power supplies with an input current of 5mA to four.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a single-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com