Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button LM75 Datasheet HTML 4Page - Maxim Integrated Products LM75 Datasheet HTML 5Page - Maxim Integrated Products LM75 Datasheet HTML 6Page - Maxim Integrated Products LM75 Datasheet HTML 7Page - Maxim Integrated Products LM75 Datasheet HTML 8Page - Maxim Integrated Products LM75 Datasheet HTML 9Page - Maxim Integrated Products LM75 Datasheet HTML 10Page - Maxim Integrated Products LM75 Datasheet HTML 11Page - Maxim Integrated Products LM75 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
______________________________________________________________________________________
11
3V to
5.5V
+VS
OS
A0
A1
A2
SCL
SDA
GND
or +V
TO
Microcontroller
SCL
SDA
OS
LM75
R1
10k
Ω
R2
10k
Ω
R3
10k
Ω
GND
Figure 7. I2C Controlled Temperature Sensor
3V to
5.5V
+Vs
OS
LM75
R2
10k
Ω
R3
10k
Ω
GND
12V
N
12V 300mA
FAN MOTOR
Figure 8. Fan Control
Figure 9. Temperature Sensor with Audible Alarm
3V to
5.5V
+Vs
MAX4364
R2
10k
Ω
R3
10k
Ω
R4
10k
Ω
R1
10k
Ω
GND
LM75
C1
0.1
μF
C2
0.1
μF
C4
6.8nF
C5
6.8nF
C3
6.8nF
R5
200k
Ω
SHDN
BIAS
IN+
IN-
OUT-
GND
VCC
OUT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com