Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 3 Page - Maxim Integrated Products

  LM75 Datasheet HTML 1Page - Maxim Integrated Products LM75 Datasheet HTML 2Page - Maxim Integrated Products LM75 Datasheet HTML 3Page - Maxim Integrated Products LM75 Datasheet HTML 4Page - Maxim Integrated Products LM75 Datasheet HTML 5Page - Maxim Integrated Products LM75 Datasheet HTML 6Page - Maxim Integrated Products LM75 Datasheet HTML 7Page - Maxim Integrated Products LM75 Datasheet HTML 8Page - Maxim Integrated Products LM75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC (SDA, SCL, A0, A1, A2)
Input High Voltage
VIH
+VS x
0.7
+VS +
0.5
V
Input Low Voltage
VIL
-0.3
+VS x
0.3
V
Input High Current
IIH
VIN = 5V
0.005
1.0
µA
Input Low Current
IIL
VIN = 0V
-1.0
-0.005
µA
Input Capacitance
CIN
All digital inputs
20
pF
Output High Current
VOH = 5V
10
µA
Output Low Voltage
IOL = 3mA
0.4
V
I2C-COMPATIBLE TIMING (Notes 12, 13)
(Clock) SCL Period
tSCL
Bus timeout inactive
2.5
µs
Data In Setup Time to SCL High
tSU:DAT
10% of SDA to 10% of SCL
100
ns
Data Out Stable After SCL Low
tHD:DAT
10% of SCL to 10% of SDA
0
µs
Start Condition Setup Time
(SDA Low to SCL Low)
tSU:STA
90% of SCL to 90% of SDA
100
ns
STOP Condition Hold Time
tHD:STO
100
ns
SDA Time Low for Reset of Serial
Interface
tTIMEOUT
(Note 14)
75
325
ms
ELECTRICAL CHARACTERISTICS (continued)
(+VS = +3.0V to +5.5V, unless otherwise noted. Temperature accuracy specifications apply for +VS = 3.3V for versions with “-3” in
the suffix and for +VS = 5V for versions with “-5” in the suffix. TA = -55°C to +125°C, unless otherwise noted. Typical values are at
+VS = +5V, TA = +25°C.) (Notes 4, 5)
Note 4:
All parts operate properly over the 3V to 5.5V supply voltage range. The devices are tested and specified for rated
accuracy at their nominal supply voltage.
Note 5:
All parameters are measured at TA = +25°C. Values over the temperature range are guaranteed by design.
Note 6:
There is no industry-wide standard for temperature accuracy specifications. Maxim’s standard is 6-
σ. The 3-σ specifica-
tion is included to allow easier comparison to products built by manufacturers who use different standards.
Note 7:
This specification indicates how often temperature data is updated. The devices can be read at any time without regard to
conversion state, while yielding the last conversion result.
Note 8:
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy due to internal heating.
Note 9:
OS delay is user programmable up to 6 over-limit conversions before OS is set to minimize false tripping in noisy environ-
ments.
Note 10: Guaranteed by design.
Note 11: Default values set at power-up.
Note 12: All timing specifications are guaranteed by design.
Note 13: Unless otherwise noted, these specifications apply for +VS = +5VDC for LIM75BIM-5 and LIM75BIMM-5 and +VS =
+3.3VDC for LIM75BIM-3 and LIM75BIMM-3. CL (load capacitance) on output lines = 80pF, unless otherwise specified.
The switching characteristics of the LM75 fully meet or exceed the published specifications of the I2C bus. These parame-
ters are the timing relationships between SCL and SDA signals related to the LM75. They are not I2C bus specifications.
Note 14: Holding the SDA line low for a time greater than tTIMEOUT causes the device to reset SDA to the IDLE state of the
serial bus communication (SDA set high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com