Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1419AF-SPACE Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 5 Page - Austin Semiconductor

  AS1419AF-SPACE Datasheet HTML 1Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 2Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 3Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 4Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 5Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 6Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 7Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 8Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
NOTES:
1. Absolute Maximum Ratings are those values beyond which
the life of a device may be impaired.
2. All voltage values are with respect to ground with DGND and
AGND wired together unless otherwise noted.
3. When these pin voltages are taken below V
SS
or above V
DD
,
they will be clamped by internal diodes. This product can handle
input currents greater than 100mA below V
SS
or above V
DD
without latchup.
4. When these pin voltages are taken below V
SS
, they will be
clamped by internal diodes. This product can handle input
currents greater than 100mA below V
SS
without latchup. These
pins are not clamped to V
DD
.
5. V
DD
= 5V, V
SS
= –5V, f
SAMPLE
= 800kHz, t
r
= t
f
= 5ns unless
otherwise specified.
6. Linearity, offset and full-scale specifications apply for a single
ended +A
IN
input with – A
IN
grounded.
7. Integral nonlinearity is defined as the deviation of a code
from a straight line passing through the actual endpoints of the
transfer curve. The deviation is measured from the center of
the quantization band.
8. Bipolar offset is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 00 and
1111 1111 1111 11.
9. Guaranteed by design, not subject to test.
10. Recommended operating conditions.
11. The falling edge of CONVST\ starts a conversion. If
CONVST\ returns high at a critical point during the conversion
it can create small errors. For best performance ensure that
CONVST\ returns high either within 650ns after the start of the
conversion or after BUSY\ rises.
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com