Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1419AF-SPACE Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS1419AF-SPACE Datasheet HTML 3Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 4Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 5Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 6Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 7Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 8Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 9Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 10Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
TEST CIRCUITS
Load Circuit for Access timings
Load Circuits for Output Float Delay
PIN FUNCTIONS
+AIN (Pin 1): ±2.5V Positive Analog Input.
–AIN (Pin 2): ±2.5V Negative Analog Input.
VREF (Pin 3): 2.5V Reference Output. Bypass to AGND with
1µF.
REFCOMP (Pin 4): 4.06V Reference Output. Bypass to AGND
with 10
μF tantalum in parallel with 0.1µF or 10µF ceramic.
AGND (Pin 5): Analog Ground.
D13 to D6 (Pins 6 to 13): Three-State Data Outputs. The
output format is 2’s complement.
DGND (Pin 14): Digital Ground for Internal Logic. Tie toAGND.
D5 to D0 (Pins 15 to 20): Three-State Data Outputs. The
output format is 2’s complement.
SHDN\ (Pin 21): Power Shutdown Input. Low selects
shutdown. Shutdown mode selected by CS\. CS\ = 0 for nap
mode and CS\ = 1 for sleep mode.
RD\ (Pin 22): Read Input. This enables the output drivers when
CS\ is low.
CONVST\ (Pin 23): Conversion Start Signal. This active low
signal starts a conversion on its falling edge.
CS\ (Pin 24): Chip Select. The input must be low for the ADC to
recognize CONVST\ and RD\ inputs. CS\ also sets the
shutdown mode when SHDN\ goes low. CS\ and SHDN\ low
select the quick wake-up nap mode. CS\ high and SHDN\ low
select sleep mode.
BUSY\ (Pin 25): The BUSY\ output shows the converter
status. It is low when a conversion is in progress. Data valid on
the rising edge of BUSY\.
V
SS
(Pin 26): – 5V Negative Supply. Bypass to AGND with
10µF tantalum in parallel with 0.1µF or 10µF ceramic.
DV
DD
(Pin 27): 5V Positive Supply. Short to Pin 28.
AV
DD
(Pin 28): 5V Positive Supply. Bypass to AGND with 10µF
tantalum in parallel with 0.1µF or 10µF ceramic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com