Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1419AF-SPACE Datasheet(PDF) 14 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 14 Page - Austin Semiconductor

Back Button AS1419AF-SPACE Datasheet HTML 10Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 11Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 12Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 13Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 14Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 15Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 16Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 17Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 18Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
Austin Semiconductor, Inc.
FIGURE 14a: CS\ to SHDN\ Timing
FIGURE 14a: SHDN\ to CONVST\
Wake-Up Timing
Power Shutdown
The AS1419 provides two power shutdown modes, nap
and sleep, to save power during inactive periods. The nap mode
reduces the power by 95% and leaves only the digital logic and
reference powered up. The wake-up time from nap to active is
400ns. In sleep mode, the reference is shut down and only a
small current remains, about 250
μA. Wake-up time from sleep
mode is much slower since the reference circuit must power up
and settle to 0.005% for full 14-bit accuracy. Sleep mode wake-
up time is dependent on the value of the capacitor connected
to the REFCOMP (Pin 4). The wake-up time is 10ms with the
recommended 10
μF capacitor. Shutdown is controlled by Pin 21
(SHDN\); the ADC is in shutdown when it is low. The shut-
down mode is selected with Pin 20 (CS\); low selects nap.
Timing and Control
Conversion start and data read operations are controlled
by three digital inputs: CONVST\, CS\ and RD\. A logic “0”
applied to the CONVST\ pin will start a conversion after the
ADC has been selected (i.e., CS\ is low). Once initiated, it
cannot be restarted until the conversion is complete.
Converter status is indicated by the BUSY\ output. BUSY\ is
low during a conversion.
Figures 16 through 20 show several different modes of
operation. In modes 1a and 1b (Figures 16 and 17), CS\ and RD\
are both tied low. The falling edge of CONVST\ starts the
conversion. The data outputs are always enabled and data can
be latched with the BUSY\ rising edge. Mode 1a shows
operation with a narrow logic low CONVST\ pulse. Mode 1b
shows a narrow logic high CONVST\ pulse.
In mode 2 (Figure 18), CS\ is tied low. The falling edge of
the CONVST\ signal again starts the conversion. Data outputs
are in three-state until read by the MPU with the RD\ signal.
Mode 2 can be used for operation with a shared MPU databus.
In slow memory and ROM modes (Figures 19 and 20), CS\
is tied low and CONVST\ and RD\ are tied together. The MPU
starts the conversion and reads the output with the RD\ signal.
Conversions are started by the MPU or DSP (no external sample
clock).
In slow memory mode, the processor applies a logic low
to RD\ (= CONVST\), starting the conversion. BUSY\ goes low,
forcing the processor into a WAIT state. The previous
conversion result appears on the data outputs. When the
conversion is complete, the new conversion results appear on
the data outputs; BUSY\ goes high, releasing the processor
and the processor takes RD\ (= CONVST\) back high and reads
the new conversion data.
In ROM mode, the processor takes RD\ (= CONVST\) low,
starting a conversion and reading the previous conversion
result. After the conversion is complete, the processor can read
the new result and initiate another conversion.
FIGURE 15: CS\ to CONVST\
Set-Up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com