Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1419AF-SPACE Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 3 Page - Austin Semiconductor

  AS1419AF-SPACE Datasheet HTML 1Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 2Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 3Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 4Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 5Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 6Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 7Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 8Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
DYNAMIC ACCURACY (* denotes specifications which apply over the full
operating temperature range, otherwise specifications are T
A = +25°C.)
5
PARAMETER
SYM
MIN TYP MAX
-40
-55 UNITS
100kHz Input Signal
*
S/(N + D)
78
81.5
75
75
dB
390 kHz Input Signal
*
S/(N + D)
80.0
dB
100kHz Input Signal, First 5 Harmonics
*
THD
-93
-86
-78
-75
dB
390 kHz Input Signal, First 5 Harmonics
*
THD
-86
dB
Spurious Free Dynamic Range
100KHz Input Signal
*
SFDR
-95
-86
-80
-79
dB
Intermodulation Distortion
fIN1 = 29.37kHz, fIN2 = 32.446kHz
IMD
-86
dB
Full-Power Bandwidth
20
MHz
Full-Linear Bandwidth
S/(N + D) > 77dB
1
MHz
CONDITIONS
Signal-to(Noise + Distortion) Ratio
Total Harmonic Distortion
INTERNAL REFERENCE CHARACTERISTICS 5
PARAMETER
CONDITIONS
SYM
MIN
TYP MAX UNITS
Output Voltage
IOUT = 0
VREF
2.480 2.500 2.520
V
Output Tempco
IOUT = 0
VREF
±15
ppm/°C
Line Regulation
4.75V < VDD < 5.25V, -5.25V < VSS < -4.75V
VREF
0.05
LSB/V
Output Resistance
-0.1mA < | IOUT | < 0.1mA
VREF
2k
Ω
Output Voltage
IOUT = 0
REFcomp
4.06
V
DIGITAL INPUTS AND DIGITAL OUTPUTS (* denotes specifications which
apply over the full operating temperature range, otherwise specifications are
T
A = +25°C.)
5
PARAMETER
SYM
MIN
TYP
MAX
UNITS
High Level Input Voltage
VDD = 5.25V
*
VIH
2.4
V
Low Level Input Voltage
VDD = 4.75V
*
VIL
0.8
V
Digital Input Current
VIN = 0V to VDD
*IIN
±10
µA
Digital Input Capacitance
CIN
5pF
VDD = 4.75V
IO = -10µA
4.5
V
IO = -200µA
*
4.0
V
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
*
0.10
0.4
V
High-Z Output Leakage D13 to D0
VOUT = 0V to VDD, CS\ High *
IOZ
±10
µA
High-Z Output Capacitance D13 to D0
CS\ High
9
*COZ
15
pF
Output Source Current
VOUT = 0V
ISOURCE
-10
mA
Output Sink Current
VOUT = VDD
ISINK
10
mA
High Level Output Voltage
Low Level Output Voltage
CONDITIONS
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com