Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1419AF-SPACE Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 2 Page - Austin Semiconductor

  AS1419AF-SPACE Datasheet HTML 1Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 2Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 3Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 4Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 5Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 6Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 7Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 8Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
*Stresses at or greater than those listed under "Absolute
Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods will affect reliability.
ABSOLUTE MAXIMUM RATINGS*
AV
DD
= V
DD
= DV
DD
1,2
Supply Voltage (V
DD
)........................................................................6V
Negative Supply Voltage (V
SS
)....................................................-6V
Total Supply Voltage (V
DD
to V
SS
)................................................12V
Analog Input Voltage
3...........................(V
SS
- 0.3V) to (V
DD
+ 0.3V)
Digital Input Voltage
4...........................................(V
SS
- 0.3V) to 10V
Digital Output Voltage...........................(V
SS
- 0.3V) to (V
DD
+ 0.3V)
Power Dissipation....................................................................500mW
Operating Temperature Range
Military........................................................-55°C to +125°C
Industrial.......................................................-40°C to +85°C
Storage Temperature Range .....................................-65°C to +150°C
Lead Temperature (soldering, 10s) .........................................+300°C
CONVERTER CHARACTERISTICS (* denotes specifications which apply
over the full operating temperature range, otherwise specifications are T
A =
+25°C. With Internal Reference5,6)
ANALOG INPUT (* denotes specifications which apply over the full operating
temperature range, otherwise specifications are T
A = +25°C.
5)
PARAMETER
SYM
MIN TYP MAX UNITS
Analog Input Range
9
4.75V < VDD < 5.25V, -5.25V < VSS< -4.75V *
VIN
±2.5
V
Analog Input Leakage Current
CS\ = HIGH
*
IIN
±1
µA
Between Conversions
CIN
15
pF
During Conversions
CIN
5pF
Sample-and-Hold Acquisition Time
*
tACQ
90
300
ns
Sample-and-Hold Aperture Delay Time
tAP
-1.5
ns
Sample-and-Hold Aperture Delay Time Jitter
tjitter
2psRMS
Analog Input Common Mode Rejection Ratio
-2.5V < (-AIN = AIN) < 2.5V
CMRR
60
dB
Analog Input Capacitance
CONDITIONS
PARAMETER
MIN TYP MAX MIN
TYP MAX UNITS
Resolution (No Missing Codes)
*
13
14
Bits
Integral Linearity Error
7
*
±0.8
±2
±0.6 ±1.25
LSB
Differential Linearity Error
*
±0.7
±1.5
±0.5
±1
LSB
Offset Error
8
*
±5
±20
±5
±20
LSB
Internal Reference
±10
±60
±10
±60
LSB
External Reference = 2.5V
±5
±5
LSB
Full Scale Tempco
IOUT(REF) = 0
±15
±15
ppm/°C
CONDITIONS
AS1419
AS1419A
Full-Scale Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com