Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1419AF-SPACE Datasheet(PDF) 19 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 19 Page - Austin Semiconductor

Back Button AS1419AF-SPACE Datasheet HTML 12Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 13Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 14Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 15Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 16Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 17Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 18Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 19Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 20Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
19
Austin Semiconductor, Inc.
*AVAILABLE PROCESSES
XT = Extended Temperature Range
-55oC to +125oC
IT = Industrial Temperature Range
-40oC to +85oC
MIL = Military Processing
-55°C to +125°C
SPACE = Space Processing**
-55oC to +125oC
*As defined by individual customer Source Control Drawing (SCD)
ORDERING INFORMATION
Device Number
Package
Type
Operating
Temp.
AS1419
F
-*
AS1419A
F
-*
Device Number
Package
Type
Operating
Temp.
AS1419
ECA
-*
AS1419A
ECA
-*
EXAMPLE: AS1419F-SPACE
EXAMPLE: AS1419AECA-883C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com