Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4950-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 3 of 28
SPECIFICATIONS
±5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, G = 1, RT = 53.6 Ω (when used), RL, dm = 1 kΩ, unless otherwise noted. All specifications
refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 52 for signal definitions.
Differential Inputs to VOUT, dm Performance
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small-Signal Bandwidth
VOUT, dm = 0.1 V p-p
750
MHz
−3 dB Large-Signal Bandwidth
VOUT, dm = 2.0 V p-p
350
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 2.0 V p-p, RL = 200 Ω
ADA4950-1
210
MHz
ADA4950-2
230
MHz
Slew Rate
VOUT, dm = 2 V p-p, 25% to 75%
2900
V/μs
Settling Time to 0.1%
VOUT, dm = 2 V step
9
ns
Overdrive Recovery Time
VIN = 0 V to 5 V ramp, G = 2
20
ns
NOISE/HARMONIC PERFORMANCE
See Figure 51 for distortion test circuit
Second Harmonic
VOUT, dm = 2 V p-p
1 MHz
−108
dBc
10 MHz
−107
dBc
20 MHz
−98
dBc
50 MHz
−80
dBc
Third Harmonic
VOUT, dm = 2 V p-p
1 MHz
−126
dBc
10 MHz
−105
dBc
20 MHz
−99
dBc
50 MHz
−84
dBc
IMD3
f1 = 30 MHz, f2 = 30.1 MHz, VOUT, dm = 2 V p-p
−94
dBc
Voltage Noise (Referred to Output)
f = 1 MHz
Gain = 1
9.2
nV/√Hz
Gain = 2
12.5
nV/√Hz
Gain = 3
16.6
nV/√Hz
Crosstalk (ADA4950-2)
f = 10 MHz; Channel 2 active, Channel 1
output
−87
dB
INPUT CHARACTERISTICS
Offset Voltage (Referred to Input)
V+DIN = V−DIN = VOCM = 0 V
−2.5
±0.2
+2.5
mV
TMIN to TMAX variation
–3.7
μV/°C
Input Capacitance
Single-ended at package pin
0.5
pF
Input Common-Mode Voltage Range
Directly at internal amplifier inputs, not
external input terminals
−VS + 0.2 to
+VS − 1.8
V
CMRR
DC, ∆VOUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V
−64
−49
dB
Open-Loop Gain
64
66
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT, single-ended output,
RL = 1 kΩ
–VS + 1.4 to
+VS – 1.4
−VS + 1.2 to
+VS − 1.2
V
Linear Output Current
200 kHz, RL, dm = 10 Ω, SFDR = 69 dB
114
mA peak
Output Balance Error
∆VOUT, cm/∆VOUT, dm, ∆VOUT, dm = 2 V p-p, 1 MHz;
see Figure 50 for output balance test circuit
−62
dB
Gain Error
Gain = 1
0.5
1.2
%
Gain = 2
1.0
1.9
%
Gain = 3
0.8
1.7
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com