Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 25Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 22 of 2
8
ADA4950-x
+VS
–VS
500Ω
500Ω
500Ω
500Ω
250Ω
VOCM
250Ω
×1
×4
×1
×4
×1
×4
×1
×1
×1
×4
INPUT COMMON-MODE VOLTAGE RANGE
The ADA4950-x input common-mode voltage range is shifted
down by approximately one VBE, in contrast to other ADC
drivers with centered input ranges such as the ADA4939-x. The
downward-shifted input common-mode range is especially
suited to dc-coupled, single-ended-to-differential, and single-
supply applications.
For ±5 V operation, the input common-mode voltage range at the
summing nodes of the amplifier is specified as −4.8 V to +3.2 V.
With a 5 V supply, the input common-mode voltage range at the
summing nodes of the amplifier is specified as +0.2 V to +3.2 V.
To avoid nonlinearities, the voltage swing at the +INx and −INx
terminals must be confined to these ranges.
INPUT AND OUTPUT CAPACITIVE AC COUPLING
Although the ADA4950-x is well suited to dc-coupled applica-
tions, it is nonetheless possible to use it in ac-coupled circuits.
Input ac coupling capacitors can be inserted between the source
and RG. This ac coupling blocks the flow of the dc common-
mode feedback current and causes the ADA4950-x dc input
common-mode voltage to equal the dc output common-mode
voltage. The ac coupling capacitors must be placed in both
loops to keep the feedback factors matched. Output ac coupling
capacitors can be placed in series between each output and its
respective load.
Figure 60. Input ESD Protection Circuitry
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the ADA4950-x is internally biased with a vol-
tage divider comprising two 50 kΩ resistors across the supplies,
with a tap at a voltage approximately equal to the midsupply
point, [(+VS) + (−VS)]/2. Because of this internal divider, the
VOCM pin sources and sinks current, depending on the externally
applied voltage and its associated source resistance. Relying on
the internal bias results in an output common-mode voltage
that is within approximately 100 mV of the expected value.
INPUT SIGNAL SWING CONSIDERATIONS
The input terminals of fully differential amplifiers with external
gain and feedback resistors connect directly to the amplifier
summing nodes; the common-mode voltage swing at these
terminals is generally smaller than the input and output swings.
In most linear applications, the summing node voltages do not
approach levels that result in the forward-biasing of the internal
ESD protection diodes on the amplifier inputs.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source or resistor divider be used with source resistance less
than 100 Ω. If an external voltage divider consisting of equal
resistor values is used to set VOCM to midsupply with greater
accuracy than produced internally, higher values can be used
because the external resistors are placed in parallel with the
internal resistors. The input VOCM offset listed in the Specifications
section assumes that the VOCM input is driven by a low impedance
voltage source.
Signals at the inputs of the ADA4950-x are applied to the input
side of the gain resistors, and, if caution is not exercised, these
signals can be large enough to forward-bias the ESD protection
diodes. The four inputs that make up the differential signal paths
each have four ESD diodes in series to the negative supply and
one diode to the positive supply; the VOCM input has one ESD
diode to each supply. Figure 60 illustrates the ESD protection
circuitry.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC; however, care must be taken to
ensure that the output has sufficient drive capability. The input
impedance of the VOCM pin is approximately 10 kΩ to a voltage
of nominally midsupply. If multiple ADA4950-x devices share
one ADC reference output, a buffer may be necessary to drive
the parallel inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com