Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 11 of
28
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
VOUT, dm = 100mV p-p
FREQUENCY (MHz)
ADA4950-1, RL =1kΩ
ADA4950-1, RL = 200Ω
ADA4950-2, AMP 1, RL =1kΩ
ADA4950-2, AMP 1, RL =200Ω
ADA4950-2, AMP 2, RL =1kΩ
ADA4950-2, AMP 2, RL =200Ω
Figure 19. 0.1 dB Flatness, Small-Signal Frequency Response for Various
Loads
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
1000
VOCM (AC) = 100mV p-p
VOCM = –2.5VDC
VOCM = 0V
VOCM = +2.5VDC
Figure 20. VOCM Small-Signal Frequency Response at Various DC Levels
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
HD2, RL, dm =1kΩ
HD3, RL, dm =1kΩ
HD2, RL, dm =200Ω
HD3, RL, dm =200Ω
VOUT, dm =2V p-p
0.1
1
10
100
Figure 21. Harmonic Distortion vs. Frequency at Various Loads
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
ADA4950-1, RL =1kΩ
ADA4950-1, RL = 200Ω
ADA4950-2, AMP 1, RL =1kΩ
ADA4950-2, AMP 1, RL = 200Ω
ADA4950-2, AMP 2, RL =1kΩ
ADA4950-2, AMP 2, RL = 200Ω
VOUT, dm = 2V p-p
FREQUENCY (MHz)
Figure 22. 0.1 dB Flatness, Large-Signal Frequency Response for Various Loads
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
1000
VOCM (AC) = 2V p-p
VOCM = –2.5VDC
VOCM = 0V
VOCM = +2.5VDC
FREQUENCY (MHz)
Figure 23. VOCM Large-Signal Frequency Response at Various DC Levels
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
VOUT, dm =2V p-p
0.1
1
10
100
HD2, G = 1
HD3, G = 1
HD2, G = 2
HD3, G = 2
HD2, G = 3
HD3, G = 3
Figure 24. Harmonic Distortion vs. Frequency at Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com