Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4950-1YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 2 of 2
8
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
±5 V Operation............................................................................. 3
 
5 V Operation ............................................................................... 5
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
Maximum Power Dissipation ..................................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configurations and Function Descriptions ........................... 8
 
Typical Performance Characteristics ............................................. 9
 
Test Circuits..................................................................................... 16
 
Terminology .................................................................................... 17
 
Theory of Operation ...................................................................... 18
 
Applications Information .............................................................. 19
 
Analyzing an Application Circuit ............................................ 19
 
Selecting the Closed-Loop Gain............................................... 19
 
Estimating the Output Noise Voltage ...................................... 19
 
Calculating the Input Impedance for an Application Circuit
....................................................................................................... 20
 
Input Common-Mode Voltage Range ..................................... 22
 
Input and Output Capacitive AC Coupling............................ 22
 
Input Signal Swing Considerations.......................................... 22
 
Setting the Output Common-Mode Voltage .......................... 22
 
Layout, Grounding, and Bypassing.............................................. 23
 
High Performance ADC Driving ................................................. 24
 
Outline Dimensions ....................................................................... 25
 
Ordering Guide .......................................................................... 25
 
REVISION HISTORY
5/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com