Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 21 of 2
8
Terminating a Single-Ended Input
This section describes how to properly terminate a single-ended
input to the ADA4950-x with a gain of 1, RF = 500 Ω, and RG =
500 Ω. An example using an input source with a terminated output
voltage of 1 V p-p and source resistance of 50 Ω illustrates the
steps that must be followed. Note that because the terminated
output voltage of the source is 1 V p-p, the open-circuit output
voltage of the source is 2 V p-p. The source shown in Figure 56
indicates this open-circuit voltage.
1.
The input impedance is calculated using the following
formula:
Ω
667
)
500
500
(
2
500
1
500
)
(
2
1
,
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
F
G
F
G
se
IN
R
R
R
R
R
RS
50Ω
VS
2V p-p
RIN, se
667Ω
ADA4950-x
RL VOUT, dm
+VS
–VS
RG
500Ω
RG
500Ω
RF
500Ω
RF
500Ω
VOCM
Figure 56. Calculating Single-Ended Input Impedance, RIN
2.
To match the 50 Ω source resistance, calculate the
termination resistor, RT, using RT||667 Ω = 50 Ω. The
closest standard 1% value for RT is 53.6 Ω.
ADA4950-x
RL
VOUT, dm
+VS
–VS
RS
50Ω
RG
500Ω
RG
500Ω
RF
500Ω
RF
500Ω
VOCM
VS
2V p-p
RIN, se
50Ω
RT
53.6Ω
Figure 57. Adding Termination Resistor, RT
3.
Figure 57 shows that the effective RG in the upper feedback
loop is now greater than the RG in the lower loop due to the
addition of the termination resistors. To compensate for the
imbalance of the gain resistors, add a correction resistor (RTS)
in series with RG in the lower loop. RTS is the Thevenin
equivalent of the source resistance, RS, and the termination
resistance, RT, and is equal to RS||RT.
RTS = RTH = RS||RT = 25.9 Ω
RS
50Ω
VS
2V p-p
RT
53.6Ω
RTH
25.9Ω
VTH
1.03V p-p
Figure 58. Calculating the Thevenin Equivalent
Note that VTH is greater than 1 V p-p, which was obtained
with RT = 50 Ω. The modified circuit with the Thevenin
equivalent (closest 1% value used for RTH) of the terminated
source and RTS in the lower feedback loop is shown in
Figure 59.
ADA4950-x
RL VOUT, dm
+VS
–VS
RTH
25.5Ω
RG
500Ω
RG
500Ω
RF
500Ω
RF
500Ω
VOCM
VTH
1.03V p-p
RTS
25.5Ω
Figure 59. Thevenin Equivalent and Matched Gain Resistors
Figure 59 presents a tractable circuit with matched feedback
loops that can be easily evaluated.
It is useful to point out two effects that occur with a terminated
input. The first is that the value of RG is increased in both loops,
lowering the overall closed-loop gain. The second is that VTH is
a little larger than 1 V p-p, as it would be if RT = 50 Ω. These two
effects have opposite impacts on the output voltage, and for
large resistor values in the feedback loops (~1 kΩ), the effects
essentially cancel each other out. For small RF and RG, or high
gains, however, the diminished closed-loop gain is not canceled
completely by the increased VTH. This can be seen by evaluating
Figure 59.
The desired differential output in this example is 1 V p-p
because the terminated input signal is 1 V p-p and the closed-
loop gain = 1. The actual differential output voltage, however, is
equal to (1.03 V p-p)(500/525.5) = 0.98 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com