Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-1YCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4950-1YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4950-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4950-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 16 of
28
TEST CIRCUITS
ADA4950-x
1kΩ
+5V
500Ω
500Ω
50Ω
500Ω
500Ω
VOCM
53.6Ω
VIN
0.1µF
–5V
250Ω
NC
250Ω
NC
25.5Ω
DC-COUPLED
SOURCE
Figure 49. Equivalent Basic Test Circuit, G = 1
ADA4950-x
+5V
500Ω
500Ω
500Ω
500Ω
VOCM
56.2Ω
–5V
250Ω
49.9Ω
49.9Ω
NC
250Ω
DIFFERENTIAL NETWORK
ANALYZER SOURCE
DIFFERENTIAL NETWORK
ANALYZER RECEIVER
NC
56.2Ω
50Ω
50Ω
49.9Ω
49.9Ω
Figure 50. Test Circuit for Output Balance, CMRR
ADA4950-x
261Ω
442Ω
CT
200Ω
2:1
442Ω
0.1µF
0.1µF
+5V
500Ω
500Ω
50Ω
500Ω
500Ω
VOCM
53.6Ω
VIN
0.1µF
–5V
250Ω
NC
250Ω
NC
25.5Ω
DC-COUPLED
LOW-PASS
FILTER
SOURCE
DUAL
FILTER
50Ω
Figure 51. Test Circuit for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com