Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2872ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2872ACPZ-R7
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADN2872ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN2872
Rev. 0 | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Conditions/Comments
SUPPLY
ICC7
30
mA
When IBIAS = IMOD = 0
VCC (with respect to GND)8
3.0
3.3
3.6
V
1 Temperature range: −40°C to +85°C.
2 Measured into a 15 Ω load (22 Ω resistor in parallel with digital scope 50 Ω input) using a 11110000 pattern at 2.5 Gbps, shown in Figure 2.
3 Guaranteed by design and characterization. Not production tested.
4 When the voltage on DATAP is greater than the voltage on DATAN, the modulation current flows into the IMODP pin.
5 Guaranteed by design. Not production tested.
6 IBIAS/IBMON ratio stability is defined in SFF-8472 Revision 9 over temperature and supply variation.
7 See the Power Consumption section for ICC minimum for power calculation.
8 All VCC pins should be shorted together.
ADN2872
IMODP
BIAS TEE
80kHz
→ 27GHz
VCC
VCC
TO HIGH SPEED
DIGITAL
OSCILLOSCOPE
50
Ω INPUT
R
22
Ω
C
L
Figure 2. High Speed Electrical Test Output Circuit
SFP TIMING SPECIFICATIONS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions/Comments
ALS Assert Time
t_off
1
5
μs
Time for the rising edge of ALS (Tx_DISABLE) to
when the bias current falls below 10% of nominal
ALS Negate Time1
t_on
0.83
0.95
ms
Time for the falling edge of ALS to when the
modulation current rises above 90% of nominal
Time to Initialize, Including Reset of FAIL1
t_init
25
275
ms
From power-on or negation of FAIL using ALS
FAIL Assert Time
t_fault
100
μs
Time to fault to FAIL on
ALS to Reset Time
t_reset
5
μs
Time Tx_DISABLE must be held high to reset Tx_FAULT
1 Guaranteed by design and characterization. Not production tested.
DATAP
DATAN
DATAP – DATAN
Vp-p, DIFF = 2 × VSE
VSE
0V
Figure 3. Signal Level Definition
0.1µF
0.1µF
10µF
1µH
3.3V
SFP HOST BOARD
SFP MODULE
VCC_Tx
Figure 4. Recommended SFP Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com