Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2872ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2872ACPZ-R7
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADN2872ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps
Laser Diode Driver
ADN2872
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
SFP/SFF and SFF-8472 MSA compliant
SFP reference design available
Any rate from 50 Mbps to 3.3 Gbps operation
Dual-loop control of average power and extinction ratio
Typical rise/fall time: 60 ps
Bias current range: 2 mA to 100 mA
Modulation current range: 5 mA to 90 mA
Laser FAIL alarm and automatic laser shutdown (ALS)
Bias and modulation current monitoring
3.3 V operation
4 mm × 4 mm LFCSP
Voltage setpoint control
Resistor setpoint control
APPLICATIONS
Multirate OC3 to OC48-FEC SFP/SFF modules
1×/2×/4× Fibre Channel SFP/SFF modules
LX-4 modules
DWDM/CWDM SFP modules
1GE SFP/SFF transceiver modules
GENERAL DESCRIPTION
Like the ADN2870, the ADN28721 laser diode driver is designed
for advanced SFP and SFF modules, using SFF-8472 digital
diagnostics. The device features dual-loop control of the average
power and extinction ratio, which automatically compensates
for variations in laser characteristics over temperature and aging.
The laser needs only be calibrated at 25°C, eliminating the need
for expensive and time consuming temperature calibration. The
ADN2872 supports single-rate operation from 50 Mbps to
3.3 Gbps, or multirate operation from 155 Mbps to 3.3 Gbps.
With a new alarm scheme, this device avoids the shutdown issue
caused by the system transient generated from various lasers.
The average power and extinction ratio can be set with a
voltage provided by a microcontroller DAC or by a trimmable
resistor. The part provides both bias and modulation current
monitoring, as well as fail alarms and automatic laser shutdown.
The ADN2872, a SFF-/SFP-compliant laser diode driver, can
work with the Analog Devices, Inc., ADuC7019/ADuC702x
MicroConverter® family and the ADN289x limiting amplifier
family, to form a complete SFP/SFF transceiver solution. The
ADN2872 is available in a space-saving 4 mm × 4 mm LFCSP
specified over the −40°C to +85°C temperature range.
Figure 1 shows an application diagram with a microcontroller
interface.
1 Protected by U.S. Patent 6,414,974.
APPLICATIONS DIAGRAM
ANALOG DEVICES
MICROCONTROLLER
Tx_FAULT
Tx_FAIL
CONTROL
PAVREF
PAVSET
ADN2872
RPAV
GND
DAC
DAC
VCC
MPD
ERREF
ERSET
GND
IMOD
DATAP
IMODP
DATAN
IBIAS
IMODN
IBMON
IMMON
ALS
FAIL
IBIAS
100
Ω
CCBIAS
VCC
LASER
L
R
VCC
VCC
VCC
GND
GND
PAVCAP
470
Ω
1k
Ω
GND
GND
ERCAP
GND
1k
Ω
1k
Ω
ADC
VCC
VCC
RZ
Figure 1.


Similar Part No. - ADN2872ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870ACPZ AD-ADN2870ACPZ Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870ACPZ-RL AD-ADN2870ACPZ-RL Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870ACPZ-RL7 AD-ADN2870ACPZ-RL7 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Similar Description - ADN2872ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV.0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV.0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
6/05-Revision 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com