Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2872ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2872ACPZ-R7
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2872ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADN2872
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
90
0
30
60
040
80
20
60
100
MODULATION CURRENT (mA)
Figure 6. Rise Time vs. Modulation Current, IBIAS = 20 mA
0
20
40
60
80
040
80
20
60
100
MODULATION CURRENT (mA)
Figure 7. Fall Time vs. Modulation Current, IBIAS = 20 mA
0
45
40
35
30
25
20
15
10
5
20
40
80
60
100
MODULATION CURRENT (mA)
Figure 8. Deterministic Jitter vs. Modulation Current, IBIAS = 20 mA
0
1.2
1.0
0.8
0.6
0.4
0.2
0
20
406080
100
MODULATION CURRENT (mA)
Figure 9. Random Jitter vs. Modulation Current, IBIAS = 20 mA
40
250
190
220
160
130
100
70
0
20
406080
100
MODULATION CURRENT (mA)
IBIAS = 20mA
IBIAS = 40mA
IBIAS = 80mA
Figure 10. Total Supply Current vs. Modulation Current,
Total Supply Current = ICC + IBIAS + IMOD
20
60
55
50
45
40
35
30
25
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
Figure 11. Supply Current (ICC) vs. Temperature with ALS Asserted, IBIAS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com