Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2872ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2872ACPZ-R7
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2872ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADN2872
Rev. 0 | Page 9 of 20
OPTICAL WAVEFORMS
VCC = 3.3 V and TA = 25°C, unless otherwise noted. Note that there was no change to PAVCAP and ERCAP values when different data
rates were tested. Figure 18, Figure 19, and Figure 20 show multirate performance using the low cost Fabry Perot TOSA NEC NX7315UA;
Figure 21 and Figure 22 show dual-loop performance over temperature using the DFB TOSA Sumitomo SLT2486.
(ACQ LIMIT TEST) WAVEFORMS 1000
Figure 18. Optical Eye 2.488 Gbps, 65 ps/DIV, PRBS 231 − 1,
PAV = −4.5 dBm, ER = 9 dB, Mask Margin 25%
(ACQ LIMIT TEST) WAVEFORMS 1000
Figure 19. Optical Eye 622 Mbps, 264 ps/DIV, PRBS 231 − 1,
PAV = −4.5 dBm, ER = 9 dB, Mask Margin 50%
(ACQ LIMIT TEST) WAVEFORMS 1000
Figure 20. Optical Eye 155 Mbps,1.078 ns/DIV, PRBS 231 − 1,
PAV = −4.5 dBm, ER = 9 dB, Mask Margin 50%
(ACQ LIMIT TEST) WAVEFORMS 1001
Figure 21. Optical Eye 2.488 Gbps, 65 ps/DIV, PRBS 231 − 1,
PAV = 0 dBm, ER = 9 dB, Mask Margin 22%, TA = 25°C
(ACQ LIMIT TEST) WAVEFORMS 1001
Figure 22. Optical Eye 2.488 Gbps, 65 ps/DIV, PRBS 231 − 1,
PAV = −0.2 dBm, ER = 8.96 dB, Mask Margin 21%, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com