Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2872ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2872ACPZ-R7
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2872ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADN2872
Rev. 0 | Page 12 of 20
ANALOG DEVICES
MICROCONTROLLER
Tx_FAULT
Tx_FAIL
CONTROL
PAVREF
PAVSET
ADN2872
RPAV
GND
DAC
DAC
VCC
MPD
ERREF
ERSET
GND
IMOD
DATAP
IMODP
DATAN
IBIAS
IMODN
IBMON
IMMON
ALS
FAIL
IBIAS
100
Ω
CCBIAS
VCC
LASER
L
R
VCC
VCC
VCC
GND
GND
PAVCAP
470
Ω
1k
Ω
GND
GND
ERCAP
GND
1k
Ω
1k
Ω
ADC
VCC
VCC
RZ
Figure 26. ADN2872 Using MicroConverter Calibration and Monitoring
L
VCC
CONTROL
ADN2872
ERSET
VCC
ERREF
VCC
RPAV
PAVREF
VCC
MPD
IMOD
DATAP
IMODP
DATAN
IBIAS
IMODN
IBMON
IMMON
ALS
FAIL
IBIAS
VCC
LASER
VCC
VCC
GND
GND
PAVCAP
GND
GND
ERCAP
GND
GND
GND
PAVSET
100
Ω
CCBIAS
R
470
Ω
1k
Ω
VCC
VCC
RZ
Figure 27. ADN2872 Using Resistor Setpoint Calibration of Average Power and Energy Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com