Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2872ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADN2872ACPZ-R7
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN2872ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN2872ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADN2872
Rev. 0 | Page 16 of 20
ALARMS
The ADN2872 has a latched active high monitoring alarm
(FAIL). The FAIL alarm output is an open drain in conformance
with SFP MSA specification requirements.
The ADN2872 has a three-fold alarm system that covers:
Use of a bias current higher than expected, likely as a result
of laser aging.
Out-of-bounds average voltage at the monitor photodiode
(MPD) input, indicating an excessive amount of laser
power or a broken loop.
Undervoltage in the IBIAS pin (laser diode cathode) that
increases the laser power.
The bias current alarm trip point is set by selecting the value of
resistor on the IBMON pin to GND. The alarm is triggered
when the voltage on the IBMON pin goes above 1.2 V.
FAIL is activated when the single-point faults in Table 5 occur.
Table 5. ADN2872 Single-Point Alarms
Alarm Type
Mnemonic
Overvoltage or Short to VCC Condition
Undervoltage or Short to
GND Condition
Bias Current
IBMON
Alarm if > 1.2 V
Ignore
MPD Current
PAVSET
Alarm if > 2.0 V
Alarm if < 0.4 V
Crucial Nodes
ERREF (the ERRREF is designed tied to
VCC in resistor setting mode)
Alarm if shorted to VCC (the alarm is valid for
voltage setting mode only)
Alarm if shorted to GND
IBIAS
Ignore
Alarm if < 0.6 V
Table 6. ADN2872 Response to Various Single-Point Faults in AC-Coupled Configuration, as Shown in Figure 32
Mnemonic
Short to VCC
Short to GND
Open
CCBIAS
Fault state occurs
Fault state occurs
Does not increase laser average power
PAVSET
Fault state occurs
Fault state occurs
Fault state occurs
PAVREF
Voltage mode: fault state occurs
Fault state occurs
Fault state occurs
Resistor mode: tied to VCC
RPAV
Voltage mode: fault state occurs
Fault state occurs
Voltage mode: fault state occurs
Resistor mode: tied to VCC
Resistor mode: does not increase
average power
ERCAP
Does not increase laser average power
Does not increase laser average power
Does not increase laser average power
PAVCAP
Fault state occurs
Fault state occurs
Fault state occurs
DATAP
Does not increase laser average power
Does not increase laser average power
Does not increase laser average power
DATAN
Does not increase laser average power
Does not increase laser average power
Does not increase laser average power
ALS
Output currents shut off
Normal currents
Output currents shut off
ERSET
Does not increase laser average power
Does not increase laser average power
Does not increase laser average power
IMMON
Does not affect laser power
Does not increase laser average power
Does not increase laser average power
ERREF
Voltage mode: fault state occurs
Voltage mode: does not increase
average power
Does not increase laser average power
Resistor mode: tied to VCC
Resistor mode: fault state occurs
IBMON
Fault state occurs
Does not increase laser average power
Does not increase laser average power
FAIL
Fault state occurs
Does not increase laser average power
Does not increase laser average power
IMODP
Does not increase laser average power
Does not increase laser average power
Does not increase laser average power
IMODN
Does not increase laser average power
Does not increase laser average power
Does not increase laser power
IBIAS
Fault state occurs
Fault state occurs
Fault state occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com